Electronic Components Datasheet Search
  English  ▼

X  

SY100E222L Datasheet (PDF) - Micrel Semiconductor

SY100E222L Datasheet PDF - Micrel Semiconductor
Part # SY100E222L
Download  SY100E222L Download
File Size   28.94 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER

SY100E222L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100E222L Datasheet PDF - Micrel Semiconductor

Part # SY100E222L
Download  SY100E222L Click to download

File Size   28.94 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER

SY100E222L Datasheet (HTML) - Micrel Semiconductor




Similar Part No. - SY100E222L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E222L MICREL-SY100E222L Datasheet
69Kb / 6P
3.3V, 1.5GHz 1 / 2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER
SY100E222L MICREL-SY100E222L Datasheet
92Kb / 7P
3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK
SY100E222LTI MICREL-SY100E222LTI Datasheet
69Kb / 6P
3.3V, 1.5GHz 1 / 2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER
SY100E222LTI MICREL-SY100E222LTI Datasheet
92Kb / 7P
3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK
SY100E222LTITR MICREL-SY100E222LTITR Datasheet
69Kb / 6P
3.3V, 1.5GHz 1 / 2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER
More results


Similar Description - SY100E222L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
72Kb / 3P
1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer
1997 REV 0
logo
Integrated Circuit Syst...
ICS8737-11 ICST-ICS8737-11 Datasheet
127Kb / 13P
LOW SKEW 첨1/첨2 DIFFERENTIAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. A JULY 13, 2001
logo
Micrel Semiconductor
SY100E222L MICREL-SY100E222L Datasheet
69Kb / 6P
3.3V, 1.5GHz 1 / 2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER
logo
ON Semiconductor
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
logo
Micrel Semiconductor
SY89221U MICREL-SY89221U Datasheet
326Kb / 17P
Precision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37_06 Datasheet
116Kb / 6P
3.3V ECL 1:4 첨1/첨2 Clock Fanout Buffer
November, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY89202U MICREL-SY89202U Datasheet
2Mb / 13P
Precision 1:8 LVPECL Fanout Buffer with Three 첨1/첨2/첨4 Clock Divider Output Banks
logo
Integrated Device Techn...
ICS87421I IDT-ICS87421I Datasheet
260Kb / 14P
첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
logo
Micrel Semiconductor
SY100E222L MICREL-SY100E222L_11 Datasheet
92Kb / 7P
3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com