Electronic Components Datasheet Search
  English  ▼

X  

SY10EP33VZCTR Datasheet (PDF) - Micrel Semiconductor

SY10EP33VZCTR Datasheet PDF - Micrel Semiconductor
Part # SY10EP33VZCTR
Download  SY10EP33VZCTR Download
File Size   88.7 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER

SY10EP33VZCTR Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10EP33VZCTR Datasheet PDF - Micrel Semiconductor

Part # SY10EP33VZCTR
Download  SY10EP33VZCTR Click to download

File Size   88.7 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER

SY10EP33VZCTR Datasheet (HTML) - Micrel Semiconductor


SY10EP33VZCTR Product details

General Description
The SY10/100EP33V is an integrated ÷4 divider.
The VBB pin, an internally-generated voltage supply, is available to this device only. For single-ended input conditions, the unused differential input is connected to VBB as a switching reference voltage. VBB may also rebias AC-coupled inputs. When used, decouple VBB to VCC via a 0.01µF capacitor and limit current sourcing or sinking to 0.5mA. When not used, VBB should be left open.
The reset pin is asynchronous and is asserted on the rising edge. Upon power-up, the internal flip-flops will attain a random state; the reset allows for the synchronous use of multiple EP33s in a system.
The 100K Series includes internal temperature compensation circuitry.

Features
• Guaranteed maximum frequency >4GHz
• 3.3V and 5V power supply options
• Guaranteed propagation delay <460ps over temperature
• Internal 75kΩ input pull-down resistors
• Wide operating temperature range (−40°C to +85°C)
• Available in 8-pin MSOP and SOIC packages




Similar Part No. - SY10EP33VZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP33VZCTR MICREL-SY10EP33VZCTR Datasheet
232Kb / 11P
5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
More results


Similar Description - SY10EP33VZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL32V MICREL-SY10EL32V Datasheet
49Kb / 4P
5V/3.3V 첨 2 DIVIDER
SY10EL33 MICREL-SY10EL33 Datasheet
59Kb / 4P
5V/3.3V 첨 4 DIVIDER
SY10EP32V MICREL-SY10EP32V Datasheet
132Kb / 9P
5V/3.3V 첨 2 DIVIDER
SY89312V MICREL-SY89312V Datasheet
51Kb / 6P
3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
ECL/PECL 첨 2 Divider
logo
Micrel Semiconductor
SY10EL33 MICREL-SY10EL33_06 Datasheet
473Kb / 4P
5V/3.3V 첨 4 DIVIDER
SY10EP33V MICREL-SY10EP33V_10 Datasheet
232Kb / 11P
5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
5V/3.3V 첨 2 DIVIDER
SY89312V MICREL-SY89312V_13 Datasheet
408Kb / 7P
3.3V/5V, 4GHz PECL/ECL첨2 Clock Generator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com