Electronic Components Datasheet Search
  English  ▼

X  

TPS61033DRLR Datasheet (PDF) - Texas Instruments

TPS61033DRLR Datasheet PDF - Texas Instruments
Part # TPS61033DRLR
Download  TPS61033DRLR Download
File Size   1856.64 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS61033X 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter, with Output Discharge Function

TPS61033DRLR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61033DRLR Datasheet PDF - Texas Instruments

Part # TPS61033DRLR
Download  TPS61033DRLR Click to download

File Size   1856.64 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS61033X 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter, with Output Discharge Function

TPS61033DRLR Datasheet (HTML) - Texas Instruments


TPS61033DRLR Product details

1 Features
• Input voltage range: 1.8 V to 5.5 V
• Output voltage range: 2.2 V to 5.5 V(TPS61033)
– FB connects to VIN output voltage for fixed 5.0
V(TPS61033X)
• Two valley switching current limit options
– TPS61033: 5.5-A typical
– TPS610333: 1.85-A typical
• High efficiency and power capability
– Two 25-mΩ (LS) / 46-mΩ (HS) MOSFETs
– Support up to 2.4 MHz with small L-C
– Up to 93.42% efficiency at VIN = 3.3V, VOUT =
5V, and IOUT = 1A
– Up to 90.78% efficiency at VIN = 3.3V, VOUT =
5V, and IOUT = 2A
• Extend the system operating time
– Typical 20-μA quiescent current into VIN pin
– Typical 5.3μA quiescent current into VOUT pin
– Typical 0.1-μA shutdown current
• ±1.5% Reference voltage accuracy over –40°C to
+125°C
• Power good output with window comparator
• Pin-selectable auto PFM or forced PWM mode at
light load
• Pass-through mode when VIN > VOUT
• Safety and robust operation features
– True disconnection between input and output
during shutdown
– Output overvoltage and thermal shutdown
protections
– Output short-circuit protection
• 2.1-mm × 1.6-mm SOT583 8-Pin package

2 Applications
• Tablet(multimedia)
• Smart speaker
• Mobile POS

3 Description
The TPS61033X is a synchronous boost converter.
The device provides a power supply solution for
portable equipment and smart devices powered
by various batteries and other power supply. The
TPS61033 has 5.5-A (typical) valley switch current
limit and TPS610333 has 1.85-A (typical) valley
switch current limit over full temperature range.
The TPS61033X uses adaptive constant on-time
valley-current-control topology to regulate the output
voltage and operates at 2.4-MHz switching frequency.
There are two optional modes at light load by
configuring the MODE pin: auto PFM mode and
forced PWM to balance the efficiency and noise
immunity in light load. The TPS61033X consumes
a 20-μA quiescent current from VIN at light load
condition. During shutdown, the TPS61033X is
completely disconnected from the input power and
only consumes a 0.1-μA current to achieve long
battery life. The TPS61033X has 5.75-V output
overvoltage protection, output short circuit protection,
and thermal shutdown protection.
The TPS61033X offers a very small solution size with
2.1-mm × 1.6-mm SOT583 package and minimum
amount of external components.




Similar Part No. - TPS61033DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61033DRLR TI-TPS61033DRLR Datasheet
1Mb / 28P
TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter, with Output Discharge Function
REVISED MARCH 2023
More results


Similar Description - TPS61033DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61088 TI-TPS61088_15 Datasheet
1Mb / 30P
TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI1-TPS61088_16 Datasheet
1Mb / 32P
TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
10-A Fully-Integrated Synchronous Boost Converter
logo
Shenzhenshi YONGFUKANG ...
HT7167 YONGFUKANG-HT7167 Datasheet
1Mb / 18P
13V, 10A fully integrated synchronous boost converter with output shutdown
logo
Texas Instruments
TPS61288 TI-TPS61288 Datasheet
2Mb / 25P
TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
TPS61288 TI-TPS61288_V01 Datasheet
2Mb / 30P
TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
DECEMBER 2021
TPS61033 TI-TPS61033 Datasheet
2Mb / 28P
TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
OCTOBER 2022
TPS61033 TI-TPS61033_V01 Datasheet
1Mb / 28P
TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter, with Output Discharge Function
REVISED MARCH 2023
TPS61033-Q1 TI1-TPS61033-Q1 Datasheet
1Mb / 30P
TPS61033-Q1 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter, with Output Discharge Function
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com