Electronic Components Datasheet Search
  English  ▼

X  

ISOM8710 Datasheet (PDF) - Texas Instruments

ISOM8710 Datasheet PDF - Texas Instruments
Part # ISOM8710
Download  ISOM8710 Download
File Size   1304.25 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator

ISOM8710 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISOM8710 Datasheet PDF - Texas Instruments

Part # ISOM8710
Download  ISOM8710 Click to download

File Size   1304.25 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator

ISOM8710 Datasheet (HTML) - Texas Instruments


ISOM8710 Product details

1 Features
• Drop-in replacement and pin-to-pin upgrade to
industry standard high-speed digital optocouplers
• Single-channel diode-emulator input
• Output options:
– ISOM8710: CMOS
– ISOM8711: Open-collector
• Wide supply range (VCC): 2.7 V to 5.5 V
• High data rate: up to 25 Mbps
– Maximum propagation delay: 52 ns
– Maximum pulse width distortion: 17 ns
– Maximum propagation delay skew: 15 ns
• Robust isolation barrier:
– Isolation rating: up to 3750-VRMS
– Working voltage: 500-VRMS
– Surge capability: up to 10-kV
– Minimum transient immunity: ±125-kV/μs
• Wide temperature range: –40°C to +125°C
• Small SOIC-5 package
• Safety-related certifications planned:
– UL 1577 recognition, 3750-VRMS isolation
– DIN EN IEC 60747-17 (VDE 0884-17)
conformity per VDE
– IEC 62368-1, IEC 61010-1 certifications
– CQC GB 4943.1 certification

2 Applications
• Power supplies
• Grid, Electricity meter
• Motor drives
• Factory automation and control
• Building automation
• Lighting
• Appliances

3 Description
The ISOM871x devices are single-channel optoemulators
with diode-emulator inputs and digital
outputs. The devices are pin-compatible and dropin
replaceable for many traditional optocouplers,
allowing enhancement to industry-standard packages
with no PCB redesign. These devices can transmit
data rates up to 25 Mbps and can output 3.3-V
and 5-V signals with two logic-output options: CMOScompatible
ouput (ISOM8710) and open-collector
output (ISOM8711).
ISOM871x opto-emulators offer significant reliability
and performance advantages compared to
optocouplers, including high common mode transient
immunity (CMTI), low propagation delay, small pulse
width distortion (PWD), low power consumption,
wider temperature ranges, and tight process controls
resulting in small part-to-part skew. Since there is no
aging effect to compensate for, the emulated diodeinput
stage consumes less power than optocouplers.
ISOM871x devices are offered in a small SOIC-5
package, supporting a 3.75-kVRMS isolation rating.
Its high performance and reliability enable its
use in motor drives, I/O modules in industrial
controllers, factory automation applications, and
more. To learn more about the advantages of optoemulator
technology, please read Introduction to
Opto-emulators.




Similar Part No. - ISOM8710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISOM8710 TI-ISOM8710 Datasheet
959Kb / 22P
ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
DECEMBER 2022
ISOM8710 TI-ISOM8710 Datasheet
1Mb / 32P
ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
REVISED JUNE 2023
ISOM8710 TI1-ISOM8710 Datasheet
1Mb / 30P
ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
REVISED JULY 2023
ISOM8710DFFR TI-ISOM8710DFFR Datasheet
1Mb / 32P
ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
REVISED JUNE 2023
ISOM8710DFFR TI1-ISOM8710DFFR Datasheet
1Mb / 30P
ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
REVISED JULY 2023
More results


Similar Description - ISOM8710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC23313 TI1-UCC23313 Datasheet
8Mb / 35P
UCC23313 4-A/5-A, 3.75-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC23313 TI-UCC23313_V01 Datasheet
9Mb / 38P
UCC23313 4-A Source, 5-A Sink, 3.75-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC23313-Q1 TI-UCC23313-Q1 Datasheet
9Mb / 39P
UCC23313-Q1 4-A Source, 5-A Sink, 3.75-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC23313-Q1 TI-UCC23313-Q1_V01 Datasheet
9Mb / 41P
UCC23313-Q1 4-A Source, 5-A Sink, 3.75-kVRMS Basic, Opto-Compatible, Single-Channel Isolated Gate Driver
UCC23313-Q1 TI-UCC23313-Q1_V02 Datasheet
9Mb / 41P
UCC23313-Q1 4-A Source, 5-A Sink, 3.75-kVRMS Basic, Opto-Compatible, Single-Channel Isolated Gate Driver
ISOM8710 TI-ISOM8710 Datasheet
959Kb / 22P
ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
DECEMBER 2022
ISOM8710 TI-ISOM8710_V01 Datasheet
1Mb / 32P
ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
REVISED JUNE 2023
ISOM8710 TI1-ISOM8710_V02 Datasheet
1Mb / 30P
ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
REVISED JULY 2023
ISOM8110 TI1-ISOM8110 Datasheet
1Mb / 25P
ISOM811x 3.75-kVRMS, Single-Channel Opto-Emulator with Analog Transistor Output
SEPTEMBER 2023
ISOM8110 TI1-ISOM8110_V01 Datasheet
1Mb / 28P
ISOM811x 3.75-kVRMS, Single-Channel Opto-Emulator with Analog Transistor Output
REVISED DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com