Electronic Components Datasheet Search
  English  ▼

X  

DRV8833 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
DRV8833 Datasheet PDF - Texas Instruments
Part # DRV8833
Download  DRV8833 Download
File Size   2535.44 Kbytes
Page   53 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8411A Dual H-Bridge Motor Driver with Current Regulation

DRV8833 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8833 Datasheet PDF - Texas Instruments

Part # DRV8833
Download  DRV8833 Click to download

File Size   2535.44 Kbytes
Page   53 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8411A Dual H-Bridge Motor Driver with Current Regulation

DRV8833 Datasheet (HTML) - Texas Instruments


DRV8833 Product details

1 Features
• Dual H-bridge motor driver, can drive -
– One bipolar stepper motor
– One or two brushed DC motors
– Solenoids and other inductive loads
• Low ON-resistance: HS + LS = 400 mΩ (Typical,
25°C)
• Wide Power Supply Voltage Range
– 1.65 to 11 V
• Pin-to-pin compatible with -
– DRV8833: 360-mΩ/bridge
– DRV8833C: 1735-mΩ/bridge
– DRV8847: 1000-mΩ/bridge
– DRV8410: 800-mΩ/bridge
– DRV8411: 400-mΩ/bridge
• High output current capability: 4-A Peak
• PWM control interface
• Supports 1.8-V, 3.3-V, and 5-V logic inputs
• Integrated current regulation
• IPROPI current sense output for stall detection
• Low-power sleep mode
– ≤ 40 nA at VVM = 5 V, TJ = 25°C
• Small package and footprint
– 16-pin HTSSOP with PowerPAD™, 5.0×4.4 mm
– 16-Pin WQFN with PowerPAD™, 3.0×3.0 mm
• Integrated protection features
– VM undervoltage lockout (UVLO)
– Auto-retry overcurrent protection (OCP)
– Thermal shutdown (TSD)
– Fault Indication Pin (nFAULT)

2 Applications
• Battery-Powered Toys
• POS Printers
• Video Security Cameras
• Office Automation Machines
• Gaming Machines
• Robotics
• Electronic Smart Locks
• General purpose solenoid loads

3 Description
The DRV8411A is a dual H-bridge motor driver that
can drive one or two DC brush motors, one stepper
motor, solenoids, or other inductive loads. The tripler
charge pump allows the device to operate down to
1.65 V to accommodate 1.8-V supply rails and lowbattery
conditions. The charge pump integrates all
capacitors and allows for 100% duty cycle operation.
The inputs and outputs can be paralleled to drive high
current brush DC motors with half the RDS(ON).
The device implements current sensing and
regulation. Internal current mirrors output the current
sense information on the IPROPI pins, eliminating the
need for large power shunt resistors, thereby saving
board area and reducing system cost. The IPROPI
outputs allow a microcontroller to detect motor stall
or changes in load conditions. Using the VREF pin,
the devices can regulate the motor current during
startup and high-load events without interaction from
a microcontroller.
A low-power sleep mode achieves ultra-low quiescent
current draw by shutting down most of the
internal circuitry. Internal protection features include
undervoltage, overcurrent, and overtemperature.
The DRV8411A is part of a family of devices
which come in pin-to-pin, scalable RDS(ON) options to
support various loads with minimal design changes.
See Section 5 for information on the devices in this
family. View our full portfolio of brushed motor drivers
on ti.com.




Similar Part No. - DRV8833

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8833 TI1-DRV8833 Datasheet
961Kb / 22P
DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
DRV8833 TI1-DRV8833 Datasheet
1Mb / 30P
Dual H-Bridge Motor Driver
DRV8833 TI-DRV8833 Datasheet
1Mb / 45P
DRV8410 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8833 TI-DRV8833 Datasheet
1Mb / 45P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8833 TI-DRV8833 Datasheet
2Mb / 54P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
REVISED OCTOBER 2022
More results


Similar Description - DRV8833

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8876 TI1-DRV8876 Datasheet
520Kb / 29P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8874 TI1-DRV8874 Datasheet
879Kb / 31P
H-Bridge Motor Driver With Integrated Current Sense and Regulation
DRV8874-Q1 TI1-DRV8874-Q1 Datasheet
879Kb / 31P
H-Bridge Motor Driver With Integrated Current Sense and Regulation
DRV8410 TI-DRV8410 Datasheet
1Mb / 45P
DRV8410 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8411 TI-DRV8411 Datasheet
1Mb / 45P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8411 TI-DRV8411_V01 Datasheet
2Mb / 54P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
REVISED OCTOBER 2022
DRV8410 TI-DRV8410_V02 Datasheet
2Mb / 54P
DRV8410 Dual H-Bridge Motor Driver with Current Regulation
REVISED OCTOBER 2022
DRV8410 TI-DRV8410_V03 Datasheet
2Mb / 61P
DRV8410 Dual H-Bridge Motor Driver with Current Regulation
REVISED DECEMBER 2022
DRV8411A TI1-DRV8411A Datasheet
2Mb / 54P
DRV8411A Dual H-Bridge Motor Driver with Current Regulation
OCTOBER 2022
DRV8411 TI1-DRV8411_V02 Datasheet
3Mb / 57P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
REVISED OCTOBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com