| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCS2530
|
329Kb / 14P |
Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0 |
|
NCS2535
|
230Kb / 12P |
Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0 |
|
NCS2540
|
346Kb / 13P |
Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1 |
|
NCS2550
|
289Kb / 12P |
750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2 |
|
NCS2552
|
266Kb / 13P |
750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1 |
|
NCS2501
|
250Kb / 16P |
1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
May, 2005 ??Rev. 1 |
|
NCS2502
|
300Kb / 16P |
650 uA 110 MHz Current Feedback Op Amp with Enable Feature
November, 2005 ??Rev. 2 |
|
NCS2530
|
358Kb / 16P |
Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1 |
|
NCS2535
|
233Kb / 13P |
Triple 1.4 GHz Current Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1 |
|
NCS2552SNT1G
|
272Kb / 13P |
750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1 |