Electronic Components Datasheet Search
  English  ▼

X  

NTS4101P Datasheet (PDF) - ON Semiconductor

NTS4101P Datasheet PDF - ON Semiconductor
Part # NTS4101P
Download  NTS4101P Download
File Size   128.45 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET -20 V, -1.37 A, Single P-Channel, SC-70

NTS4101P Datasheet (PDF)

Go To PDF Page Download Datasheet
NTS4101P Datasheet PDF - ON Semiconductor

Part # NTS4101P
Download  NTS4101P Click to download

File Size   128.45 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET -20 V, -1.37 A, Single P-Channel, SC-70

NTS4101P Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTS4101P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTS4101P ONSEMI-NTS4101P Datasheet
106Kb / 5P
Power MOSFET
April, 2011 ??Rev. 3
NTS4101PT1 ONSEMI-NTS4101PT1 Datasheet
106Kb / 5P
Power MOSFET
April, 2011 ??Rev. 3
NTS4101PT1G ONSEMI-NTS4101PT1G Datasheet
106Kb / 5P
Power MOSFET
April, 2011 ??Rev. 3
logo
VBsemi Electronics Co.,...
NTS4101PT1G VBSEMI-NTS4101PT1G Datasheet
1,017Kb / 9P
P-Channel 20 V (D-S) MOSFET
More results


Similar Description - NTS4101P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF2202PT1 ONSEMI-MMBF2202PT1 Datasheet
79Kb / 6P
Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323
November, 2003 ??Rev. 4
MMBF2202PT1 ONSEMI-MMBF2202PT1_06 Datasheet
59Kb / 4P
Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323
January, 2006 ??Rev. 5
NTGS3441P ONSEMI-NTGS3441P_06 Datasheet
64Kb / 6P
Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
NTGS3136P ONSEMI-NTGS3136P Datasheet
119Kb / 5P
Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
NTGS3441B ONSEMI-NTGS3441B Datasheet
94Kb / 6P
Power MOSFET -20 V, -3.5 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3443B ONSEMI-NTGS3443B Datasheet
96Kb / 6P
Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTS2101P ONSEMI-NTS2101P Datasheet
66Kb / 5P
Power MOSFET ??.0 V, ??.4 A, Single P?묬hannel, SC??0
March, 2006 ??Rev. 1
logo
Will Semiconductor Ltd.
WPM1480 WILLSEMI-WPM1480 Datasheet
507Kb / 6P
Single P-Channel, -20 V, -1.5 A,Power Mosfet
logo
ON Semiconductor
NTLJS7D2P02P8Z ONSEMI-NTLJS7D2P02P8Z Datasheet
328Kb / 6P
MOSFET - Power, Single P-Channel, WDFN6 -20 V
August, 2020-Rev.0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com