Electronic Components Datasheet Search
  English  ▼

X  

NTHS4111P Datasheet (PDF) - ON Semiconductor

NTHS4111P Datasheet PDF - ON Semiconductor
Part # NTHS4111P
Download  NTHS4111P Download
File Size   193.48 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET -30 V, -6.1 A, Single P-Channel, ChipFET

NTHS4111P Datasheet (PDF)

Go To PDF Page Download Datasheet
NTHS4111P Datasheet PDF - ON Semiconductor

Part # NTHS4111P
Download  NTHS4111P Click to download

File Size   193.48 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET -30 V, -6.1 A, Single P-Channel, ChipFET

NTHS4111P Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTHS4111P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS4101P ONSEMI-NTHS4101P Datasheet
63Kb / 6P
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHS4101P ONSEMI-NTHS4101P Datasheet
59Kb / 6P
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
NTHS4101P ONSEMI-NTHS4101P Datasheet
132Kb / 6P
Power MOSFET
March, 2012 ??Rev. 4
NTHS4101PT1 ONSEMI-NTHS4101PT1 Datasheet
63Kb / 6P
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHS4101PT1 ONSEMI-NTHS4101PT1 Datasheet
59Kb / 6P
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
More results


Similar Description - NTHS4111P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD4102P ONSEMI-NTHD4102P Datasheet
69Kb / 6P
Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
October, 2004 ??Rev. 4
NTHS4101P ONSEMI-NTHS4101P Datasheet
63Kb / 6P
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHD4102P ONSEMI-NTHD4102P_05 Datasheet
64Kb / 6P
Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 5
NTHD4401P ONSEMI-NTHD4401P_05 Datasheet
75Kb / 6P
Power MOSFET -20 V, -3.0 A, Dual P-Channel, ChipFET
November, 2005 ??Rev. 4
NTHD5903T1 ONSEMI-NTHD5903T1_05 Datasheet
68Kb / 6P
Power MOSFET -20 V, -3.0 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 4
NTHS4101P ONSEMI-NTHS4101P_07 Datasheet
59Kb / 6P
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
NTHD2110T ONSEMI-NTHD2110T Datasheet
94Kb / 7P
Power MOSFET -12 V, -6.4 A, Single P-Channel TVS, ChipFET??Package
March, 2008 - Rev. 0
NTHS4166N ONSEMI-NTHS4166N Datasheet
90Kb / 6P
Power MOSFET 30 V, 8.2 A, Single N-Channel, ChipFET Package
December, 2007 - Rev. 0
NTHS4501N ONSEMI-NTHS4501N Datasheet
65Kb / 6P
Power MOSFET 30 V, 6.7 A, Single N?묬hannel, ChipFET Package
February, 2007 ??Rev. 4
NTLJS4D9N03H ONSEMI-NTLJS4D9N03H Datasheet
337Kb / 7P
MOSFET - Power, Single N-Channel, WDFN6 30 V, 6.1 m, 15.9 A
May, 2020-Rev. P3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com