Electronic Components Datasheet Search
  English  ▼

X  

FK-A Datasheet (PDF) - Panasonic Semiconductor

FK-A Datasheet PDF - Panasonic Semiconductor
Part # FK-A
Download  FK-A Download
File Size   509.31 Kbytes
Page   12 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Radial Lead Type

FK-A Datasheet (PDF)

Go To PDF Page Download Datasheet
FK-A Datasheet PDF - Panasonic Semiconductor

Part # FK-A
Download  FK-A Click to download

File Size   509.31 Kbytes
Page   12 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Radial Lead Type

FK-A Datasheet (HTML) - Panasonic Semiconductor


FK-A Product details

Features
● Endurance : 105 ℃ 5000 h to 10000 h
● Low ESR (Same as FM Series)
● RoHS compliant




Similar Part No. - FK-A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
FK-A PANASONIC-FK-A Datasheet
620Kb / 17P
Aluminum Electrolytic Capacitors
20-Dec-19
logo
Japan Aviation Electron...
FK-AD2-R JAE-FK-AD2-R Datasheet
55Kb / 3P
Circular Connector, Solder-type, Shell Size : F, Barrel Adapter
More results


Similar Description - FK-A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
Radial Lead Type
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
Radial Lead Type
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com