Electronic Components Datasheet Search
  English  ▼

X  

SNC739 Datasheet (PDF) - SONiX Technology Company

SNC739 Datasheet PDF - SONiX Technology Company
Part # SNC739
Download  SNC739 Download
File Size   164.08 Kbytes
Page   16 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 16-bit Voice Processor

SNC739 Datasheet (PDF)

Go To PDF Page Download Datasheet
SNC739 Datasheet PDF - SONiX Technology Company

Part # SNC739
Download  SNC739 Click to download

File Size   164.08 Kbytes
Page   16 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 16-bit Voice Processor

SNC739 Datasheet (HTML) - SONiX Technology Company


SNC739 Product details

INTRODUCTION
The SNC739 is a simply chip base on new DSP technology. SNC739 provide simply and easy control functions for system manufactory. SNC739 also is a high performance voice IC. That is built-in 64K word high speed ROM, and by different model to built-in 64K word, 192K words low speed ROM, the maximum program size is full ROM size include high-speed and low-speed ROM.

FEATURES
♦ Power supply: 2.4V ~ 3.6V (for 2 batteries application)
                          3.6V ~ 5.1V (for 3 batteries application)
♦ Built-in a new 16-bit DSP core with 16 MIPS CPU performance
♦ Software-based voice/melody processing
♦ Rich Function Instruction Set
♦ System Clock
    − 16MHz crystal or R-C type oscillator for system clock
♦ I/O Ports:
    − 24 I/O pins (P0.0~P0.15, P1.0~P1.7)
    − P0.15 with IR carrier signal
♦ RAM size: 4K*16 bits
♦ ROM size: 256KW
    − High performance program ROM: 64K*16 bits
    − Low speed ROM: 192KW
♦ Maximum program size: Full ROM Size
♦ 3 Timer, 1 RTC, 1 WDT
    - Timer With Individual pre-scalar and auto-reload function
    - RTC with 0.25/0.5/1 sec period
    - Watchdog Timer
♦ 9 Interrupt Sources
    − 4 for Internal Timer (timer0, 1, 2 and RTC)
    − 4 for External (P0.0~P0.3)
    − 1 for DA (Push Pull DAC)
♦ Two voice channels / 12 melody channels
♦ Three 8-bit timer with auto-reload function
♦ Built in a 12-bit Push-Pull DAC output
♦ Internal regulator provided
♦ Low Voltage Reset
♦ Low Voltage Detect
♦ Sampling Rate: 8KHz ~16KHz
♦ Built-in software voice synthesizer (multiple bit-rate solution 1.5Kbps, 1.72Kbps, 2Kbps, 2.4Kbps, 3Kbps, 4Kbps, 5Kbps, 6Kbps, 8Kbps, 16Kbps, 20Kbps, 24Kbps, 28Kbps, 32Kbps, 35Kbps @ 8K, 10K, 12K, 14K, 16K sampling rate)
♦ Built-in software melody synthesizer includes the dual-tone melody and 12-channel wave-table melody.




Similar Part No. - SNC739

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC735 SONIX-SNC735 Datasheet
231Kb / 15P
16-bit Voice Processor
More results


Similar Description - SNC739

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC710 SONIX-SNC710 Datasheet
499Kb / 16P
16-bit Voice Engine
SNC725 SONIX-SNC725 Datasheet
231Kb / 15P
16-bit Voice Processor
SNC735 SONIX-SNC735 Datasheet
231Kb / 15P
16-bit Voice Processor
SNC745 SONIX-SNC745 Datasheet
231Kb / 15P
16-bit Voice Processor
SNC729 SONIX-SNC729 Datasheet
164Kb / 16P
16-bit Voice Processor
SNC745 SONIX-SNC745_05 Datasheet
264Kb / 15P
16-bit Voice Processor
SNC749 SONIX-SNC749 Datasheet
146Kb / 16P
16-bit Voice Processor
SNC759 SONIX-SNC759 Datasheet
163Kb / 16P
16-bit Voice Processor
logo
List of Unclassifed Man...
N571P032 ETC2-N571P032 Datasheet
649Kb / 19P
32-BIT VOICE PROCESSOR
logo
Nuvoton Technology Corp...
N571P032 NUVOTON-N571P032 Datasheet
649Kb / 19P
32-BIT VOICE PROCESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com