Electronic Components Datasheet Search
  English  ▼

X  

1605517 Datasheet (PDF) - PHOENIX CONTACT

1605517 Datasheet PDF - PHOENIX CONTACT
Part # 1605517
Download  1605517 Download
File Size   686.89 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SF-5EP1N8AC0DU - Rear panel feed-through

1605517 Datasheet (PDF)

Go To PDF Page Download Datasheet
1605517 Datasheet PDF - PHOENIX CONTACT

Part # 1605517
Download  1605517 Click to download

File Size   686.89 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SF-5EP1N8AC0DU - Rear panel feed-through

1605517 Datasheet (HTML) - PHOENIX CONTACT


1605517 Product details

Rear panel feed-through, straight, Screw locking mechanism, M23, number of positions: 5+PE,
contact connection type: Pin, Axial O-ring, 4xM3, shielded: yes, degree of protection: IP67, cable
diameter range: 7.5 mm ... 14 mm, number of positions: 6, connection method: Crimp
connection, series: SF, Alternative product in accordance with RoHS II without Exemption 6c
(Pb <0.1%) item no.: 1241904

Your advantages
• Consistent EMC protection for reliable connection solutions in the industrial environment
• Crimping connection: vibration- and temperature-resistant assembly
• Flexible use: reliably connect cable diameters of 7.5 mm ... 14 mm




Similar Part No. - 1605517

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605510 PHOENIX-1605510 Datasheet
586Kb / 16P
SF-5EP1N8A9LDL - Coupler connector
1605512 PHOENIX-1605512 Datasheet
619Kb / 15P
SF-5EP1N8AAD00 - Device connector front mounting
1605514 PHOENIX-1605514 Datasheet
43Kb / 2P
Connector - HC-A3-BUEGEL-KU-BK
1605515 PHOENIX-1605515 Datasheet
542Kb / 12P
SF-5EP1N8AAK00 - Device connector front mounting
1605516 PHOENIX-1605516 Datasheet
655Kb / 17P
SF-5EP1N8AC0A1 - Rear panel feed-through
More results


Similar Description - 1605517

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605492 PHOENIX-1605492 Datasheet
86Kb / 5P
Pin/socket, panel feed-through - SF-5EE1N8AS000
1605567 PHOENIX-1605567 Datasheet
632Kb / 14P
SF-7EE1N8AS000 - Pin/socket, panel feed-through
1605845 PHOENIX-1605845 Datasheet
458Kb / 10P
SM-7EP1N8AQL05 - Rear panel feed-through
1605830 PHOENIX-1605830 Datasheet
469Kb / 10P
SM-7EP1N8AC002 - Rear panel feed-through
1607051 PHOENIX-1607051 Datasheet
729Kb / 18P
SF-7EP1N8AC0DU - Rear panel feed-through
1607056 PHOENIX-1607056 Datasheet
727Kb / 18P
SF-7EP1N8ACLDL - Rear panel feed-through
1618776 PHOENIX-1618776 Datasheet
578Kb / 12P
ST-6EP1N8ACK02S - Panel feed-through
1605831 PHOENIX-1605831 Datasheet
469Kb / 10P
SM-7EP1N8AC003 - Rear panel feed-through
1618774 PHOENIX-1618774 Datasheet
583Kb / 12P
ST-5ES1N8ACK04S - Panel feed-through
1618836 PHOENIX-1618836 Datasheet
617Kb / 13P
ST-17S1N8ACK04S - Panel feed-through
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com