Electronic Components Datasheet Search
  English  ▼

X  

1605491 Datasheet (PDF) - PHOENIX CONTACT

1605491 Datasheet PDF - PHOENIX CONTACT
Part # 1605491
Download  1605491 Download
File Size   200.59 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SF-20KS010 - Crimp contact

1605491 Datasheet (PDF)

Go To PDF Page Download Datasheet
1605491 Datasheet PDF - PHOENIX CONTACT

Part # 1605491
Download  1605491 Click to download

File Size   200.59 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SF-20KS010 - Crimp contact

1605491 Datasheet (HTML) - PHOENIX CONTACT


1605491 Product details

Crimp contact, Socket, turned, Single contact, contact diameter: 2 mm, crimp range: 0.75 mm2 ...
2.5 mm2, Alternative product in accordance with RoHS II without Exemption 6c (Pb <0.1%) item
no.: 1237431

Your advantages
• Crimping connection: vibration- and temperature-resistant assembly
• High tensile strength of the connection
• Low contact resistance
• Easy production monitoring




Similar Part No. - 1605491

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605492 PHOENIX-1605492 Datasheet
86Kb / 5P
Pin/socket, panel feed-through - SF-5EE1N8AS000
1605494 PHOENIX-1605494 Datasheet
571Kb / 16P
SF-5EP1N8A90A1 - Coupler connector
1605496 PHOENIX-1605496 Datasheet
571Kb / 16P
SF-5EP1N8A90A2 - Coupler connector
1605498 PHOENIX-1605498 Datasheet
543Kb / 16P
SF-5EP1N8A90A3 - Coupler connector
1605499 PHOENIX-1605499 Datasheet
346Kb / 8P
Coupler connector - SF-5EP1N8A90DU
02/04/2022
More results


Similar Description - 1605491

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1050147 PHOENIX-1050147 Datasheet
174Kb / 3P
Crimp contact - SF-20KP011
1605631 PHOENIX-1605631 Datasheet
49Kb / 2P
Crimp contact - SF-7NS2000
1605634 PHOENIX-1605634 Datasheet
52Kb / 3P
Crimp contact - SF-7PP2000
1621575 PHOENIX-1621575 Datasheet
152Kb / 3P
Crimp contact - SF-08KP020
1605636 PHOENIX-1605636 Datasheet
52Kb / 3P
Crimp contact - SF-7PS2000
1605639 PHOENIX-1605639 Datasheet
52Kb / 3P
Crimp contact - SF-7QP2000
1621579 PHOENIX-1621579 Datasheet
166Kb / 3P
Crimp contact - SF-20KP021
1607031 PHOENIX-1607031 Datasheet
57Kb / 3P
Crimp contact - SF-10KS320
1607355 PHOENIX-1607355 Datasheet
51Kb / 3P
Crimp contact - SF-10KP004
1607657 PHOENIX-1607657 Datasheet
52Kb / 3P
Crimp contact - ST-20KS010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com