Electronic Components Datasheet Search
  English  ▼

X  

BA78M06FP Datasheet (PDF) - Rohm

BA78M06FP Datasheet PDF - Rohm
Part # BA78M06FP
Download  BA78M06FP Download
File Size   366.78 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Three-Terminal Regulator

BA78M06FP Datasheet (PDF)

Go To PDF Page Download Datasheet
BA78M06FP Datasheet PDF - Rohm

Part # BA78M06FP
Download  BA78M06FP Click to download

File Size   366.78 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Three-Terminal Regulator

BA78M06FP Datasheet (HTML) - Rohm


BA78M06FP Product details

STRUTURE : Silicon Monolithic Intergrated  Circuit

TYPE : Three-Terminal Regulator

FEATURES : Output current up to 0.5A




Similar Part No. - BA78M06FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA78M06FP ROHM-BA78M06FP Datasheet
363Kb / 6P
Three-Terminal Regulator
BA78M06FP ROHM-BA78M06FP Datasheet
347Kb / 13P
1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M06FP ROHM-BA78M06FP Datasheet
347Kb / 13P
1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M06FP ROHM-BA78M06FP Datasheet
347Kb / 13P
1A Output 78 series Regulators 1A Output 78 series Regulators
BA78M06FP-E2 ROHM-BA78M06FP-E2 Datasheet
373Kb / 13P
1A Output 78 series Regulators 500mA Output 78 series Regulators
More results


Similar Description - BA78M06FP

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK116XXU TOKO-TK116XXU Datasheet
78Kb / 14P
THREE-TERMINAL VOLTAGE REGULATOR
logo
Rohm
BA178MXXCP ROHM-BA178MXXCP Datasheet
359Kb / 6P
Three-Terminal Regulator
BA178MXXFP ROHM-BA178MXXFP Datasheet
251Kb / 6P
Three-Terminal Regulator
BA178MXXT ROHM-BA178MXXT Datasheet
251Kb / 6P
Three-Terminal Regulator
BA178XXCP ROHM-BA178XXCP Datasheet
356Kb / 6P
Three-Terminal Regulator
BA178XXFP ROHM-BA178XXFP Datasheet
245Kb / 6P
Three-Terminal Regulator
BA178XXT ROHM-BA178XXT Datasheet
244Kb / 6P
Three-Terminal Regulator
BA78MXXCP ROHM-BA78MXXCP Datasheet
361Kb / 6P
Three-Terminal Regulator
BA78XXCP ROHM-BA78XXCP Datasheet
357Kb / 6P
Three-Terminal Regulator
BA78XXFP ROHM-BA78XXFP Datasheet
363Kb / 6P
Three-Terminal Regulator
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com