Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV7031 Datasheet PDF - Texas Instruments
Part # TLV7031
Download  TLV7031 Download
File Size   1940.81 Kbytes
Page   46 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV703x-Q1 and TLV704x-Q1 Rail-to-Rail, Low-Power Comparators

TLV7031 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV7031 Datasheet PDF - Texas Instruments

Part # TLV7031
Download  TLV7031 Click to download

File Size   1940.81 Kbytes
Page   46 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV703x-Q1 and TLV704x-Q1 Rail-to-Rail, Low-Power Comparators

TLV7031 Datasheet (HTML) - Texas Instruments


TLV7031 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C5
• Wide supply voltage range of 1.6 V to 6.5 V
• Quiescent supply current of 315 nA
• Low propagation delay of 3 μs
• Internal hysteresis of 6.5 mV
• Rail-to-rail common-mode input voltage
• Internal Power-On-Reset provides a known startup
condition
• No phase reversal for overdriven inputs
• Push-pull output (TLV703x-Q1)
• Open-drain output (TLV704x-Q1)
• –40°C to 125°C Operating temperature
• Functional Safety Capable
– Documentation available to aid functional safety
system design (TLV70x1-Q1)
– Documentation available to aid functional safety
system design (TLV70x2-Q1)

2 Applications
• Telematics eCall
• Automotive head unit
• Instrument cluster
• Audio amplifier
• On-board (OBC) & wireless chargers

3 Description
The TLV703x-Q1/TLV704x-Q1 are low-voltage,
nanopower comparators with rail-to-rail inputs. These
comparators are applicable for space-critical and
power conscious designs like infotainment, telematics,
and head unit applications.
The TLV703x-Q1 and TLV704x-Q1 offer an excellent
combination of power and speed. The benefit of
fast response time at nanopower enables powerconscious
systems to monitor and respond quickly to
fault conditions. With an operating voltage range of
1.6 V to 6.5 V, these comparators are compatible with
1.8 V, 3 V, and 5 V systems.
The TLV703x-Q1 and TLV704x-Q1 also ensure no
output phase inversion with overdriven inputs and
internal hysteresis, so engineers can use this family of
comparators for precision voltage monitoring in harsh,
noisy environments where slow-moving input signals
must be converted into clean digital outputs.
The TLV703x-Q1 have a push-pull output stage
capable of sinking and sourcing milliamps of current.
The TLV704x-Q1 have an open-drain output stage
that can be pulled beyond VCC.




Similar Part No. - TLV7031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7031 TI1-TLV7031 Datasheet
920Kb / 35P
Micro-Package, nanoPower, Low-Voltage Comparators
TLV7031 TI1-TLV7031 Datasheet
1Mb / 33P
Small-Size, Micro-Power, Low-Voltage Comparators
TLV7031 TI1-TLV7031 Datasheet
1Mb / 34P
Small Size, nanoPower, Low-Voltage Comparators
TLV7031 TI1-TLV7031 Datasheet
1Mb / 38P
Small-size, micro-power, low-voltage comparators
TLV7031 TI1-TLV7031 Datasheet
1Mb / 42P
Small Size, Nanopower, Low-Voltage Comparators
More results


Similar Description - TLV7031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7031_1904 TI1-TLV7031_1904 Datasheet
1Mb / 45P
TLV703x and TLV704x Small Size, Nanopower, Low-Voltage Comparators
TLV7031 TI1-TLV7031_V01 Datasheet
1Mb / 45P
TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7031 TI-TLV7031_V02 Datasheet
2Mb / 51P
TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7031 TI-TLV7031_V03 Datasheet
2Mb / 51P
TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7031 TI-TLV7031_V04 Datasheet
4Mb / 60P
TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7031-Q1 TI-TLV7031-Q1_V01 Datasheet
2Mb / 40P
TLV703x-Q1 and TLV704x-Q1 Rail-to-Rail, Low-Power Comparators
TLV7031-Q1 TI-TLV7031-Q1_V02 Datasheet
2Mb / 42P
TLV703x-Q1 and TLV704x-Q1 Rail-to-Rail, Low-Power Comparators
REVISED OCTOBER 2021
TL331LV-Q1 TI-TL331LV-Q1 Datasheet
2Mb / 55P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV-Q1 TI1-TL331LV-Q1_V01 Datasheet
2Mb / 55P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV-Q1 TI1-TL331LV-Q1_V02 Datasheet
2Mb / 58P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com