Electronic Components Datasheet Search
  English  ▼

X  

TPS2117 Datasheet (PDF) - Texas Instruments

TPS2117 Datasheet PDF - Texas Instruments
Part # TPS2117
Download  TPS2117 Download
File Size   1287.79 Kbytes
Page   26 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS2117 1.6-V to 5.5-V, 4-A Low IQ Power Mux With Manual and Priority Switchover

TPS2117 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2117 Datasheet PDF - Texas Instruments

Part # TPS2117
Download  TPS2117 Click to download

File Size   1287.79 Kbytes
Page   26 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS2117 1.6-V to 5.5-V, 4-A Low IQ Power Mux With Manual and Priority Switchover

TPS2117 Datasheet (HTML) - Texas Instruments


TPS2117 Product details

1 Features
• Input voltage range: 1.6 V to 5.5 V
• Maximum continuous current: 4 A
• On-resistance: 20 mΩ (typical)
• VIN2 standby current: 50 nA (typical)
• Quiescent current: 1.32 μA (typical)
• Switchover modes:
– Priority mode
– Manual mode
– Diode mode
• Controlled output slew rate:
– 1.3 ms (typical) at 3.3 V
• Reverse current blocking when VOUT > VINx
• Thermal shutdown

2 Applications
• Backup battery system
• E-meter
• Motor drive
• Building automation

3 Description
The TPS2117 is a power mux device with a voltage
rating of 1.6 V to 5.5 V and a maximum current
rating of 4 A. The device uses N-channel MOSFETs to
switch between supplies while providing a controlled
slew rate when voltage is first applied.
Due to its low quiescent of 1.32 μA (typical) and low
standby current of 50 nA (typical), the TPS2117 is
ideal for systems where a battery is connected to one
of the inputs. These low currents extend the life and
operation of the battery when in use.
The TPS2117 can be configured for two different
switchover behaviors depending on the application.
Automatic priority mode prioritizes the supply
connected to VIN1 and switches over to the
secondary supply (VIN2) when VIN1 drops. Manual
mode allows the user to toggle a GPIO or enable
signal to switch between channels.




Similar Part No. - TPS2117

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2117 TI-TPS2117 Datasheet
1Mb / 26P
TPS2117 1.6-V to 5.5-V, 4-A Low IQ Power Mux With Manual and Priority Switchover
MARCH 2023
More results


Similar Description - TPS2117

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8469 AD-AD8469 Datasheet
265Kb / 12P
Fast, Rail-to-Rail, Low Power, 2.5 V to 5.5 V
REV. 0
AD9833 AD-AD9833_15 Datasheet
694Kb / 24P
Low Power, 12.65 mW, 2.3 V to 5.5 V
Rev. E
ADCMP608 AD-ADCMP608_15 Datasheet
238Kb / 10P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
REV. B
ADCMP609 AD-ADCMP609_15 Datasheet
265Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
REV. C
logo
Texas Instruments
TPS2120 TI1-TPS2120 Datasheet
1Mb / 29P
2.8 V to 22 V Priority Power MUX with Seamless Switchover
TPS2120 TI1-TPS2120_18 Datasheet
2Mb / 40P
2.8-V to 22-V Priority Power MUX with Seamless Switchover
TPS2124 TI1-TPS2124 Datasheet
1Mb / 27P
TPS2124 2.8-V to 22-V Priority Power MUX with Seamless Switchover
TPS2116 TI-TPS2116 Datasheet
1Mb / 21P
TPS2116 1.6 V to 5.5 V, 2.5-A Low IQ Power Mux with Manual and Priority Switchover
LM66200 TI-LM66200 Datasheet
1Mb / 21P
LM66200 1.6 V to 5 V, 2.5-A Dual Ideal Diode With Automatic Switchover
SLVSG04 ??NOVEMBER 2021
TPS2117 TI-TPS2117 Datasheet
1Mb / 26P
TPS2117 1.6-V to 5.5-V, 4-A Low IQ Power Mux With Manual and Priority Switchover
MARCH 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com