Electronic Components Datasheet Search
  English  ▼

X  

TAS6424-Q1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TAS6424-Q1 Datasheet PDF - Texas Instruments
Part # TAS6424-Q1
Download  TAS6424-Q1 Download
File Size   2987.3 Kbytes
Page   86 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TAS6424R-Q1 75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics

TAS6424-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS6424-Q1 Datasheet PDF - Texas Instruments

Part # TAS6424-Q1
Download  TAS6424-Q1 Click to download

File Size   2987.3 Kbytes
Page   86 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TAS6424R-Q1 75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics

TAS6424-Q1 Datasheet (HTML) - Texas Instruments


TAS6424-Q1 Product details

1 Features
• AEC-Q100 Qualified for automotive applications
– Temperature grade 1: –40°C to +125°C TA
• Advanced load diagnostics
– DC Diagnostics run without input clocks
– AC Diagnostic for tweeter detection with
impedance and phase response
• Easily meets CISPR25-L5 EMC specifications
• Audio inputs
– 4 Channel I2S or 4/8-channel TDM input
– Input sample rates: 44.1 kHz, 48 kHz, 96 kHz
– Input formats: 16-bit to 32-bit I2S, and TDM
– Support for high resolution audio systems
• Audio outputs
– Four-channel bridge-tied load (BTL)
– Two-channel parallel BTL (PBTL)
– Up to 2.1 MHz output switching frequency
– 45 W, 10% THD Into 2 Ω at 14.4 V BTL
– 75 W, 10% THD Into 4 Ω at 25 V BTL
– 150W, 10% THD Into 2 Ω at 25 V PBTL
• Audio performance into 4 Ω at 14.4 V BTL
– THD+N <0.009% at 1 W
– 30 μVRMS output noise
– –97 dB crosstalk
• Load diagnostics
– Open load, shorted load, short-to-battery, shortto-
ground
– Line output detection up to 6 kΩ
• Protection
– Enhanced reverse current capabilities
– Output current limiting and short protection
– 40 V Load dump
– Open ground and power tolerant
– DC offset
– Over-temperature, undervoltage, and
overvoltage
• General operation
– 4.5 V to 26.4 V supply voltage
– I2C Control with 4 address options
– Latched and non-latched clip detect
– Enhanced EMI management

2 Applications
• Automotive head unit
• Automotive external amplifier

3 Description
The TAS6424R-Q1 device is a four-channel digitalinput
Class-D audio amplifier that implements a
2.1 MHz PWM switching frequency enabling a costoptimized
device in a very small PCB size, full
operation down to 4.5 V for start/stop events, and
exceptional sound quality with up to 40 kHz audio
bandwidth.
The output switching frequency can be set either
above the AM band, which eliminates AM-band
interferences and reduces output filtering and cost, or
below the AM band to optimize efficiency.
The device has a built-in load diagnostic function for
detecting and diagnosing misconnected outputs as
well as detection of AC-coupled tweeters to help to
reduce test time during the manufacturing process.
The devices adds EMI management features
including spread-spectrum, output phase offset and
optimized slew rate to assist in system level EMI
challenges.
The TAS6424R-Q1 Class-D audio amplifier is
designed for use in automotive head units and
external amplifier modules. For pin compatible one,
two and four-channel devices see the the Device
Options table.




Similar Part No. - TAS6424-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
2Mb / 68P
2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424-Q1 TI-TAS6424-Q1 Datasheet
2Mb / 77P
TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424-Q1 TI-TAS6424-Q1 Datasheet
3Mb / 80P
TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424-Q1 TI1-TAS6424-Q1_16 Datasheet
2Mb / 68P
2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
More results


Similar Description - TAS6424-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424-Q1 TI1-TAS6424-Q1_16 Datasheet
2Mb / 68P
2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6422-Q1 TI1-TAS6422-Q1 Datasheet
2Mb / 64P
75-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424M-Q1 TI1-TAS6424M-Q1 Datasheet
2Mb / 67P
45-W, 2-MHz digital input 4-channel automotive class-D audio amplifier with load dump protection and I2C diagnostics
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6422E-Q1 TI-TAS6422E-Q1 Datasheet
1,013Kb / 6P
TAS6422E-Q1 45-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424MS-Q1 TI-TAS6424MS-Q1 Datasheet
3Mb / 75P
TAS6424MS-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1_V01 Datasheet
3Mb / 80P
TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com