Electronic Components Datasheet Search
  English  ▼

X  

S8MC Datasheet (PDF) - SMC Diode Solutions Co. LTD

S8MC Datasheet PDF - SMC Diode Solutions Co. LTD
Part # S8MC
Download  S8MC Download
File Size   271.39 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description S8MC STANDARD RECTIFIER

S8MC Datasheet (PDF)

Go To PDF Page Download Datasheet
S8MC Datasheet PDF - SMC Diode Solutions Co. LTD

Part # S8MC
Download  S8MC Click to download

File Size   271.39 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description S8MC STANDARD RECTIFIER

S8MC Datasheet (HTML) - SMC Diode Solutions Co. LTD


S8MC Product details

Features
Ideally Suited for Automatic Assembly
Low Forward Voltage Drop
Low Power Loss
Plastic Case Material has UL Flammability
Classification Rating 94V-0
Terminals finish: 100% Pure Tin
This is a Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - S8MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S8MC DIODES-S8MC Datasheet
119Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS31117 Rev. 7 - 2
logo
Taiwan Semiconductor Co...
S8MC TSC-S8MC Datasheet
199Kb / 3P
Surface Mount Glass Passivated Rectifier
S8MC TSC-S8MC Datasheet
232Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Taiwan Memory Technolog...
S8MC TMT-S8MC Datasheet
184Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Shenzhen Luguang Electr...
S8MC LUGUANG-S8MC Datasheet
498Kb / 2P
Reverse Voltage :50 to 1000 Volts
More results


Similar Description - S8MC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DMA10P1600PZ IXYS-DMA10P1600PZ Datasheet
140Kb / 5P
Standard Rectifier
DSI30-12AS IXYS-DSI30-12AS Datasheet
140Kb / 5P
Standard Rectifier
DMA10IM1200UZ IXYS-DMA10IM1200UZ Datasheet
195Kb / 5P
Standard Rectifier
DMA50P1200HR IXYS-DMA50P1200HR Datasheet
403Kb / 5P
Standard Rectifier
DSP25-12AT IXYS-DSP25-12AT Datasheet
150Kb / 5P
Standard Rectifier
DSP45-12AZ IXYS-DSP45-12AZ Datasheet
142Kb / 5P
Standard Rectifier
DMA30IM1600PZ IXYS-DMA30IM1600PZ Datasheet
141Kb / 5P
Standard Rectifier
DMA50P1600HB IXYS-DMA50P1600HB Datasheet
355Kb / 5P
Standard Rectifier
DSI30-16A IXYS-DSI30-16A Datasheet
323Kb / 5P
Standard Rectifier
DSP45-16AZ IXYS-DSP45-16AZ Datasheet
142Kb / 5P
Standard Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com