Electronic Components Datasheet Search
  English  ▼

X  

NCS2003ASN2T1G Datasheet (PDF) - ON Semiconductor

NCS2003ASN2T1G Datasheet PDF - ON Semiconductor
Part # NCS2003ASN2T1G
Download  NCS2003ASN2T1G Download
File Size   868.77 Kbytes
Page   21 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output

NCS2003ASN2T1G Datasheet (PDF)

Go To PDF Page Download Datasheet
NCS2003ASN2T1G Datasheet PDF - ON Semiconductor

Part # NCS2003ASN2T1G
Download  NCS2003ASN2T1G Click to download

File Size   868.77 Kbytes
Page   21 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output

NCS2003ASN2T1G Datasheet (HTML) - ON Semiconductor


NCS2003ASN2T1G Product details

The NCS2003 family of op amps features high slew rate, low
voltage operation with rail−to−rail output drive capability. The 1.8 V
operation allows high performance operation in low voltage, low
power applications. The fast slew rate and wide unity−gain bandwidth
(5 MHz at 1.8 V) make these op amps suited for high speed
applications. The low input offset voltage (4 mV max) allows the op
amp to be used for current shunt monitoring. Additional features
include no output phase reversal with overdriven inputs and ultra low
input bias current of 1 pA.
The NCS2003 family is the ideal solution for a wide range of
applications and products. The single channel NCS2003, dual channel
NCS20032, and quad channel NCS20034 are available in a variety of
compact and space−saving packages. The NCV prefix denotes that the
device is AEC−Q100 Qualified and PPAP Capable.

Features
• Unity Gain Bandwidth: 7 MHz at VS = 5 V
• Fast Slew Rate: 8 V/s rising, 12.5 V/s falling at VS = 5 V
• Rail−to−Rail Output
• No Output Phase Reversal for Over−Driven Input Signals
• Low Offset Voltage: 0.5 mV typical
• Low Input Bias Current: 1 pA typical
• NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant

Applications
• Current Shunt Monitor
• Signal Conditioning
• Active Filter
• Sensor Buffer
End Products
• Motor Control Drives
• Hard Drives
• Medical Devices
• White Goods and Air Conditioners




Similar Part No. - NCS2003ASN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2003ASN2T1G ONSEMI-NCS2003ASN2T1G Datasheet
476Kb / 17P
Operational Amplifiers High Slew Rate, Rail-to-Rail Output
August, 2016 ??Rev. 11
More results


Similar Description - NCS2003ASN2T1G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2772Y TI-TLV2772Y Datasheet
638Kb / 32P
2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
logo
MOSA ELECTRONICS
MS2100 MOSA-MS2100 Datasheet
208Kb / 4P
Rail-to-Rail Output Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers
MS2100 MOSA-MS2100_1 Datasheet
190Kb / 6P
Rail-to-Rail Output, Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_16 Datasheet
476Kb / 17P
Operational Amplifiers High Slew Rate, Rail-to-Rail Output
August, 2016 ??Rev. 11
logo
E-CMOS Corporation
EC5420 E-CMOS-EC5420 Datasheet
580Kb / 9P
High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5420A E-CMOS-EC5420A Datasheet
592Kb / 10P
High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5601 E-CMOS-EC5601 Datasheet
1Mb / 11P
High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5602 E-CMOS-EC5602 Datasheet
855Kb / 12P
High Slew Rate Rail-to-Rail Dual Operational Amplifiers
logo
Unisonic Technologies
ULV2772 UTC-ULV2772 Datasheet
186Kb / 8P
FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com