Electronic Components Datasheet Search
  English  ▼

X  

TPS38 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS38 Datasheet PDF - Texas Instruments
Part # TPS38
Download  TPS38 Download
File Size   2809.2 Kbytes
Page   47 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive

TPS38 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS38 Datasheet PDF - Texas Instruments

Part # TPS38
Download  TPS38 Click to download

File Size   2809.2 Kbytes
Page   47 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive

TPS38 Datasheet (HTML) - Texas Instruments


TPS38 Product details

1 Features
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature TA
– Device HBM ESD classification level 2
– Device CDM ESD classification level C7B
• Wide supply voltage range: 2.7 V to 65 V
• Functional Safety-Capable targeted
– Documentation available to aid functional safety
system design
• SENSE and RESET pins are 65 V graded
• Low quiescent current: 1 μA (typical)
• Flexible and wide voltage threshold options
Table 10-1
– 2.7 V to 36 V (1.5% maximum accuracy)
– 800 mV option (1% maximum accuracy)
• Built-in hysteresis (VHYS)
– Percentage options: 2% to 13% (1% steps)
– Fixed options: VTH < 8 V = 0.5 V, 1 V, 1.5 V,
2 V, 2.5 V
• Programmable reset time delay
– 10 nF = 12.8 ms, 10 μF = 12.8 s
• Programmable sense time delay
– 10 nF = 1.28 ms, 10 μF = 1.28 s
• Manual Reset (MR) feature
• Output topology:
– Channel 1: Open-Drain or Push-Pull
– Channel 2: Open-Drain

2 Applications
• Telematics control unit
• Emergency call system
• Audio amplifier
• Head unit and cluster
• Sensor fusion and cameras
• Body control module

3 Description
The TPS38-Q1 is a 65 V input voltage detector with
1 μA IDD, 1% accuracy, and with a fast 10 μs detection
time. This device can be connected directly to
12 V / 24 V automotive battery system for continuous
monitoring of over (OV) or under (UV) voltage
conditions; with its internal resistor divider, it offers the
smallest total solution size. Wide hysteresis voltage
options are available to ignore cold crank, start-stop
and various car battery voltage transients. Built-in
hysteresis on the SENSE pins prevents false reset
signals when monitoring a supply voltage rail.
The separate VDD and SENSE pins allow
redundancy sought by high-reliability automotive
systems and SENSE can monitor higher and lower
voltages than VDD. Optional use of external resistors
are supported by the high impedance input of the
SENSE pins. CTSx and CTRx pins allow delay
adjustability on the rising and falling edges of the
RESET signals. Also, CTSx functions as a debouncer
by ignoring voltage glitches on the monitored voltage
rails; CTRx operates as a manual reset (MR) that can
be used to force a system reset.
The TPS38-Q1 is available in WSON or SOT-23
package. The WSON package has wettable flanks
allowing the facilitation for Automatic Optical
Inspection (AOI) and low resolution X-ray inspection.
The central pad is non-conductive to increase the
creepage between VDD and GND per guidelines in
IEC60664.




Similar Part No. - TPS38

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS38 TI-TPS38 Datasheet
4Mb / 49P
TPS38 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function
APRIL 2022
TPS38 TI-TPS38 Datasheet
4Mb / 53P
TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
DECEMBER 2021
TPS38 TI-TPS38 Datasheet
2Mb / 47P
TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
REVISED AUGUST 2023
TPS38 TI2-TPS38 Datasheet
2Mb / 47P
TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
REVISED AUGUST 2023
TPS38-Q1 TI-TPS38-Q1 Datasheet
3Mb / 43P
TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
SEPTEMBER 2021
More results


Similar Description - TPS38

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS37-Q1 TI-TPS37-Q1 Datasheet
4Mb / 42P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS38-Q1 TI-TPS38-Q1 Datasheet
3Mb / 43P
TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
SEPTEMBER 2021
TPS37-Q1 TI-TPS37-Q1_V01 Datasheet
5Mb / 44P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS38-Q1 TI-TPS38-Q1_V01 Datasheet
4Mb / 48P
TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
DECEMBER 2021
TPS37-Q1 TI-TPS37-Q1_V02 Datasheet
5Mb / 48P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
DECEMBER 2021
TPS38 TI-TPS38 Datasheet
4Mb / 49P
TPS38 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function
APRIL 2022
TPS38-Q1 TI-TPS38-Q1_V02 Datasheet
4Mb / 53P
TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
DECEMBER 2021
TPS37-Q1 TI1-TPS37-Q1_V03 Datasheet
3Mb / 45P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
REVISED JULY 2023
TPS37-Q1 TI-TPS37-Q1_V04 Datasheet
3Mb / 47P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
REVISED AUGUST 2023
TPS38-Q1 TI-TPS38-Q1_V04 Datasheet
2Mb / 47P
TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com