Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS37 Datasheet PDF - Texas Instruments
Part # TPS37
Download  TPS37 Download
File Size   3048.28 Kbytes
Page   44 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function

TPS37 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS37 Datasheet PDF - Texas Instruments

Part # TPS37
Download  TPS37 Click to download

File Size   3048.28 Kbytes
Page   44 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function

TPS37 Datasheet (HTML) - Texas Instruments


TPS37 Product details

1 Features
• Functional Safety - Capable
– Documentation available to functional safety
system design
• Wide supply voltage range: 2.7 V to 65 V
• SENSE and RESET pins are 65 V graded
• Low quiescent current: 1 μA (typical)
• Flexible and wide voltage threshold options
Table 11-1
– 2.7 V to 36 V (1.5% maximum accuracy)
– 800 mV option (1% maximum accuracy)
• Built-in hysteresis (VHYS)
– Percentage options: 2% to 13% (1% steps)
– Fixed options: VTH < 8 V = 0.5 V, 1 V, 1.5 V,
2 V, 2.5 V
• Programmable reset time delay
– 10 nF = 12.8 ms, 10 μF = 12.8 s
• Programmable sense time delay
– 10 nF = 1.28 ms, 10 μF = 1.28 s
• Manual Reset (MR) feature
• Output topology: Open-Drain or Push-Pull

2 Applications
• Analog input module
• CPU (PLC controller)
• Servo drive control module
• Servo drive power stage module
• Servo drive functional safety module
• HVAC valve and actuator control

3 Description
The TPS37 is a family of wide input range and
low quiescent current window supervisors for fast
detection of overvoltage (OV) and undervoltage
(UV) conditions. Each device includes a precision
internal reference, two independent and configurable
voltage comparators and integrated resistor dividers.
The TPS37 can be connected directly to and
monitor 12 V / 24 V supply rails in a variety of
industrial applications including factory automation,
motor drives, building automation and others. Built-in
hysteresis on the SENSE pins prevents false reset
signals when monitoring a supply voltage rail.
The separate VDD and SENSE pins allow
redundancy sought by high-reliability systems.
SENSE is decoupled from VDD and can monitor
higher and lower voltages than VDD. Optional use
of external resistors are supported by the high
impedance input of the SENSE pins. CTSx and CTRx
pins allow delay adjustability on the rising and falling
edges of the RESET signals. Also, CTSx functions
as a debouncer by ignoring voltage glitches on the
monitored voltage rails; CTRx operates as a manual
reset (MR) that can be used to force a system reset.
TPS37 is available in a WSON or SOT-23 package.
The central pad is non-conductive to increase the
creepage between VDD and GND per guidelines in
IEC60664. TPS37 operates over –40°C to +125°C TA.




Similar Part No. - TPS37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS37 TI-TPS37 Datasheet
4Mb / 42P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
SEPTEMBER 2021
TPS37 TI-TPS37 Datasheet
4Mb / 42P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS37 TI-TPS37 Datasheet
5Mb / 48P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
DECEMBER 2021
TPS37 TI-TPS37 Datasheet
5Mb / 44P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS37 TI-TPS37 Datasheet
5Mb / 48P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
DECEMBER 2021
More results


Similar Description - TPS37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS37 TI-TPS37 Datasheet
4Mb / 42P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
SEPTEMBER 2021
TPS37-Q1 TI-TPS37-Q1 Datasheet
4Mb / 42P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS37-Q1 TI-TPS37-Q1_V01 Datasheet
5Mb / 44P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS37 TI-TPS37_V01 Datasheet
5Mb / 48P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
DECEMBER 2021
TPS37-Q1 TI-TPS37-Q1_V02 Datasheet
5Mb / 48P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
DECEMBER 2021
TPS37 TI-TPS37_V02 Datasheet
5Mb / 48P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
DECEMBER 2021
TPS38 TI-TPS38 Datasheet
4Mb / 49P
TPS38 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function
APRIL 2022
TPS38-Q1 TI-TPS38-Q1_V02 Datasheet
4Mb / 53P
TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
DECEMBER 2021
TPS37-Q1 TI1-TPS37-Q1_V03 Datasheet
3Mb / 45P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
REVISED JULY 2023
TPS37-Q1 TI-TPS37-Q1_V04 Datasheet
3Mb / 47P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com