Electronic Components Datasheet Search
  English  ▼

X  

TPS3435 Datasheet (PDF) - Texas Instruments

TPS3435 Datasheet PDF - Texas Instruments
Part # TPS3435
Download  TPS3435 Download
File Size   1378.9 Kbytes
Page   36 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS3435-Q1 Automotive Nano IQ Precision Timeout Watchdog Timer

TPS3435 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3435 Datasheet PDF - Texas Instruments

Part # TPS3435
Download  TPS3435 Click to download

File Size   1378.9 Kbytes
Page   36 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS3435-Q1 Automotive Nano IQ Precision Timeout Watchdog Timer

TPS3435 Datasheet (HTML) - Texas Instruments


TPS3435 Product details

1 Features
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
• Factory programmed or user-programmable
watchdog timeout
– ±10% Accurate timer (maximum)
– Factory programmed: 1 msec to 100 sec
• Factory programmed or user-programmable reset
delay
– ±10% Accurate timer (maximum)
– Factory programmed option: 2 msec to 10 sec
• Input voltage range: VDD = 1.04 V to 6.0 V
• Ultra low supply current: IDD = 250 nA (typical)
• Open-drain, push-pull; active-low outputs
• Various programmability options:
– Watchdog enable-disable
– Watchdog startup delay: no delay to 10 sec
– On the fly timer extension: 1X to 256X
– Latched output option
• MR functionality support

2 Applications
• On-board (OBC) and wireless charger
• Driver monitoring
• Battery Management System (BMS)
• Front camera
• Surround view system ECU

3 Description
The TPS3435-Q1 is an ultra-low power consumption
(250 nA typical) device offering a programmable
timeout watchdog timer.
The TPS3435-Q1 offers a high accuracy timeout
watchdog timer with a host of features for a wide
variety of applications. The timeout watchdog timer
can be factory programmed or user programmed
using an external capacitor. The timer value can be
changed on-the-fly using a combination of logic pins.
The watchdog also offers unique features such as
enable-disable, start-up delay.
The WDO delay can be set by factory-programmed
default delay settings or programmed by an external
capacitor. The device also offers a latched output
operation where the output is latched until the
watchdog fault is cleared.
The TPS3435-Q1 provides a performance upgrade
alternative to TPS3431-Q1 device family. The
TPS3435-Q1 is available in a small 8-pin SOT-23
package.




Similar Part No. - TPS3435

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3435 TI-TPS3435 Datasheet
1Mb / 33P
TPS3435 Nano IQ Precision Timeout Watchdog Timer
DECEMBER 2022
TPS3435 TI-TPS3435 Datasheet
1Mb / 46P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS3435 TI-TPS3435 Datasheet
1Mb / 33P
TPS3435 Nano IQ Precision Timeout Watchdog Timer
DECEMBER 2022
TPS3435 TI1-TPS3435 Datasheet
2Mb / 47P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS3435 TI1-TPS3435 Datasheet
1Mb / 44P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
DECEMBER 2023
More results


Similar Description - TPS3435

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3435-Q1 TI-TPS3435-Q1 Datasheet
1Mb / 29P
TPS3435-Q1 Automotive Nano IQ Precision Watchdog Timer
OCTOBER 2022
TPS3436-Q1 TI-TPS3436-Q1 Datasheet
1Mb / 30P
TPS3436-Q1 Automotive Nano IQ Precision Window Watchdog Timer
OCTOBER 2022
TPS3435 TI-TPS3435 Datasheet
1Mb / 33P
TPS3435 Nano IQ Precision Timeout Watchdog Timer
DECEMBER 2022
TPS3435 TI-TPS3435_V01 Datasheet
1Mb / 33P
TPS3435 Nano IQ Precision Timeout Watchdog Timer
DECEMBER 2022
TPS35-Q1 TI-TPS35-Q1_V01 Datasheet
1Mb / 39P
TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
REVISED JUNE 2023
TPS35 TI-TPS35 Datasheet
1Mb / 46P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS3436-Q1 TI1-TPS3436-Q1_V01 Datasheet
1Mb / 37P
TPS3436-Q1 Automotive Nano IQ Precision Window Watchdog Timer
REVISED JUNE 2023
TPS35-Q1 TI1-TPS35-Q1_V02 Datasheet
1Mb / 39P
TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
REVISED JUNE 2023
TPS3436-Q1 TI1-TPS3436-Q1_V02 Datasheet
1Mb / 37P
TPS3436-Q1 Automotive Nano IQ Precision Window Watchdog Timer
REVISED JUNE 2023
TPS35 TI1-TPS35_V01 Datasheet
2Mb / 47P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com