Electronic Components Datasheet Search
  English  ▼

X  

TMUX8108 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMUX8108 Datasheet PDF - Texas Instruments
Part # TMUX8108
Download  TMUX8108 Download
File Size   2505.39 Kbytes
Page   43 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic

TMUX8108 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX8108 Datasheet PDF - Texas Instruments

Part # TMUX8108
Download  TMUX8108 Click to download

File Size   2505.39 Kbytes
Page   43 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic

TMUX8108 Datasheet (HTML) - Texas Instruments


TMUX8108 Product details

1 Features
• High supply voltage capable:
– Dual supply: ±10 V to ±50 V
– Single supply: 10 V to 100 V
– Asymmetric dual supply operation
• Consistent parametrics across supply voltages
• Latch-up immune
• Low crosstalk: –110 dB
• Low input leakage: 40 pA
• Low on resistance flatness: 0.5 Ω
• Removes need for additional logic rail (VL)
• 1.8 V Logic capable
• Fail-safe logic: up to 48 V independent of supply
• Integrated pull-down resistor on logic pins
• Bidirectional signal path
• Break-before-make switching
• Wide operating temperature TA: –40°C to 125°C
• Industry-standard TSSOP and
smaller WQFN packages

2 Applications
• High voltage bidirectional switching
• Analog and digital multiplexing and demultiplexing
• Semiconductor test equipment
• LCD test equipment
• Battery test equipment
• Data acquisition systems (DAQ)
• Digital multi-meter (DMM)
• Factory automation and control
• Programmable logic controllers (PLC)
• Analog input modules

3 Description
The TMUX8108 and TMUX8109 are modern high
voltage capable analog multiplexers in 8:1 (single
ended) and 4:1 (differential) configurations. The
devices work well with dual supplies, a single supply,
or asymmetric supplies up to a maximum supply
voltage of 100 V. The TMUX810x devices provide
consistent analog parametric performance across the
entire supply voltage range. The TMUX8108 and
TMUX8109 support bidirectional analog and digital
signals on the source (Sx) and drain (Dx) pins.
All logic inputs support logic levels of 1.8 V, 3.3 V, 5V
and can be connected as high as 48 V, allowing for
system flexibility with control signal voltage. Fail-safe
logic circuitry allows voltages on the logic pins to be
applied before the supply pin, protecting the device
from potential damage.
The device family provides latch-up immunity,
preventing undesirable high current events between
parasitic structures within the device. A latch-up
condition typically continues until the power supply
rails are turned off and can lead to device failure.
The latch-up immunity feature allows this family of
multiplexers to be used in harsh environments.




Similar Part No. - TMUX8108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX8108 TI-TMUX8108 Datasheet
1Mb / 36P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
SEPTEMBER 2021
TMUX8108 TI-TMUX8108 Datasheet
1Mb / 37P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX8108 TI-TMUX8108 Datasheet
2Mb / 39P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX8108 TI-TMUX8108 Datasheet
2Mb / 40P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
REVISED DECEMBER 2021
TMUX8108 TI-TMUX8108 Datasheet
2Mb / 40P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
REVISED DECEMBER 2021
More results


Similar Description - TMUX8108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX8108 TI-TMUX8108 Datasheet
1Mb / 36P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
SEPTEMBER 2021
TMUX8212 TI-TMUX8212 Datasheet
1Mb / 28P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
OCTOBER 2021
TMUX8108 TI-TMUX8108_V01 Datasheet
1Mb / 37P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX8212 TI-TMUX8212_V01 Datasheet
1Mb / 32P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX8108 TI-TMUX8108_V02 Datasheet
2Mb / 39P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX8212 TI-TMUX8212_V02 Datasheet
1Mb / 37P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED DECEMBER 2021
TMUX8108 TI-TMUX8108_V03 Datasheet
2Mb / 40P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
REVISED DECEMBER 2021
TMUX8108 TI-TMUX8108_V04 Datasheet
2Mb / 40P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
REVISED DECEMBER 2021
TMUX8211 TI1-TMUX8211_V01 Datasheet
2Mb / 42P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX8108 TI-TMUX8108_V06 Datasheet
2Mb / 43P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com