Electronic Components Datasheet Search
  English  ▼

X  

MAX707 Datasheet (PDF) - ON Semiconductor

MAX707 Datasheet PDF - ON Semiconductor
Part # MAX707
Download  MAX707 Download
File Size   95.68 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description UP Supervisory Circuits

MAX707 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX707 Datasheet PDF - ON Semiconductor

Part # MAX707
Download  MAX707 Click to download

File Size   95.68 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description UP Supervisory Circuits

MAX707 Datasheet (HTML) - ON Semiconductor


MAX707 Product details

The MAX707/708 are cost−effective system supervisor circuits designed to monitor VCC in digital systems and provide a reset signal to the host processor when necessary. No external components are required.
The reset output is driven active within 20 sec of VCC falling through the reset voltage threshold. Reset is maintained with 200 mS of delay time after VCC rise above the reset threshold. The MAX707/708 have a low quiescent current of 12 μA at VCC = 3.3 V, an active−high RESET and active−low RESET with a push−pull output. The output is guaranteed valid down to VCC = 1.0 V. The MAX707/708 have a Manual Reset MR input and a +1.25 V threshold detector for power−fail input PFI. These devices are available in a Micro8 and SOIC−8 package.

Features
• Precision Supply−Voltage Monitor MAX707: 4.63 V Reset Threshold Voltage
   MAX708: Standard Reset Threshold Voltages (Typical): 4.38 V, 3.08 V, 2.93 V, 2.63 V
• Reset Threshold Available from 1.6 V to 4.9 V with 100 mV Increments (Factory Option)
• 200 mS (Typ) Reset Timeout Delay
• 12μA (VCC = 3.3 V) Quiescent Current
• Active_High and Active_Low Reset Output
• Guaranteed RESET_L and RESET Output Valid to VCC = 1.0 V
• Voltage Monitor for Power−Fail or Low−Battery Warning
• 8 Pin SOIC or Micro8 Package
• Pb−Free Packages are Available

Applications
• Computers
• Embedded System
• Battery Powered Equipment
• Critical P Power Supply Monitor




Similar Part No. - MAX707

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX707 MAXIM-MAX707 Datasheet
99Kb / 12P
Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
MAX707 MAXIM-MAX707 Datasheet
169Kb / 12P
Low-Cost, μP Supervisory Circuits
Rev. 8; 3/10
logo
ARTSCHIP ELECTRONICS CO...
MAX707C ARTSCHIP-MAX707C Datasheet
313Kb / 10P
Low-Cost, pervisory Circuit
logo
Maxim Integrated Produc...
MAX707C/D MAXIM-MAX707C/D Datasheet
99Kb / 12P
Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
MAX707C/D MAXIM-MAX707C/D Datasheet
169Kb / 12P
Low-Cost, μP Supervisory Circuits
Rev. 8; 3/10
More results


Similar Description - MAX707

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM705 AD-ADM705 Datasheet
143Kb / 8P
Low Cost uP Supervisory Circuits
REV.B
ADM706P AD-ADM706P Datasheet
129Kb / 8P
3 V, Voltage Monitoring uP Supervisory Circuits
REV.A
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705 Datasheet
99Kb / 12P
Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
logo
Alliance Semiconductor ...
ASM161 ALSC-ASM161 Datasheet
245Kb / 9P
uP Supervisory Circuit
logo
Micrel Semiconductor
MIC705 MICREL-MIC705 Datasheet
177Kb / 8P
Supervisory Circuits
logo
Maxim Integrated Produc...
MAX706P MAXIM-MAX706P_06 Datasheet
465Kb / 15P
3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
Rev 5; 4/06
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
logo
Micrel Semiconductor
MIC708MY MICREL-MIC708MY Datasheet
180Kb / 7P
uP Supervisory Circuit
logo
ON Semiconductor
N84C161 ONSEMI-N84C161_18 Datasheet
212Kb / 13P
Supervisory Circuits
May, 2018 ??Rev. 1
N84C163 ONSEMI-N84C163_18 Datasheet
212Kb / 13P
Supervisory Circuits
May, 2018 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com