|
Device connector front mounting, straight, for standard and SPEEDCON interlock, M17, number
of positions: 7+PE, contact connection type: Socket, Axial O-ring, Central fixing, shielded: yes,
degree of protection: IP67, number of positions: 8, connection method: Crimp connection, series:
ST, Alternative product in accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.:
1242793
Your advantages
• Application-specific wall mounting optionally with thread or anti-rotation protection and lock nut
• Consistent EMC protection for reliable connection solutions in the industrial environment
• Crimping connection: vibration- and temperature-resistant assembly
|