Electronic Components Datasheet Search
  English  ▼

X  

IR3567B Datasheet (PDF) - List of Unclassifed Manufacturers

IR3567B Datasheet PDF - List of Unclassifed Manufacturers
Part # IR3567B
Download  IR3567B Download
File Size   530.98 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Dual Output Digital Multi-Phase Controller

IR3567B Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3567B Datasheet PDF - List of Unclassifed Manufacturers

Part # IR3567B
Download  IR3567B Click to download

File Size   530.98 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Dual Output Digital Multi-Phase Controller

IR3567B Datasheet (HTML) - List of Unclassifed Manufacturers


IR3567B Product details

FEATURES
 Dual output 6+2 phase PWM Controller
 Easiest layout and fewest pins in the industry
 Fully supports AMD® SVI1 & SVI2 with dual OCP and Intel® VR12 & VR12.5
 Complies with VR12.5 Rev 1.3 requirement for SVID register 15h to have <200 μSec filter
 Overclocking & Gaming Mode
 Switching frequency from 200kHz to 2MHz per phase
 IR Efficiency Shaping Features including Dynamic Phase Control and Automatic Power State Switching
 IR Adaptive Transient Algorithm (ATA) on both loops minimizes output bulk capacitors and system cost
 Auto-Phase Detection with auto-compensation
 Per-Loop Fault Protection: OVP, UVP, OCP, OTP, CFP
 I2C/SMBus/PMBus system interface for telemetry of Temperature, Voltage, Current & Power for both loops
 Multiple Time Programming (MTP) with integrated charge pump for easy custom configuration
 Compatible with IR ATL and 3.3V tri-state Drivers
 +3.3V supply voltage; -40°C to 85°C ambient operation
 Pb-Free, RoHS, 7x7mm, 56-pin, 0.4mm pitch QFN

DESCRIPTION
The IR3567B is a dual-loop digital multi-phase buck controller designed for CPU voltage regulation and is fully compliant with AMD® SVI1 & SVI2 and Intel© VR12 & VR12.5 specifications.
The IR3567B includes IR’s Efficiency Shaping Technology to deliver exceptional efficiency at minimum cost across the entire load range. IR Variable Gate Drive optimizes the MOSFET gate drive voltage based on real-time load current. IR’s Dynamic Phase Control adds/drops active phases based upon load current and can be configured to enter 1-phase operation and diode emulation mode automatically or by command.
IR’s unique Adaptive Transient Algorithm (ATA), based on proprietary non-linear digital PWM algorithms, minimizes output bulk capacitors and Multiple Time Programmable (MTP) storage saves pins and enables a small package size. Device configuration and fault parameters are easily defined using the IR Digital Power Design Center (DPDC) GUI and stored in on-chip MTP.
The IR3567B provides extensive OVP, UVP, OCP and OTP fault protection and includes thermistor based temperature sensing with VRHOT signal.
The IR3567B includes numerous features like register diagnostics for fast design cycles and platform differentiation, simplifying VRD design and enabling fastest time-to-market (TTM) with “set-and-forget” methodology.

APPLICATIONS
 AMD® SVI1 & SVI2, Intel® VR12 & VR12.5 based systems
 Desktop & Notebook CPU VRs
 High Performance Graphics Processors




Similar Part No. - IR3567B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3567A IRF-IR3567A Datasheet
363Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A Datasheet
399Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3567AMTRPBF IRF-IR3567AMTRPBF Datasheet
363Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3567AMXXYYTRP IRF-IR3567AMXXYYTRP Datasheet
363Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A_15 Datasheet
399Kb / 4P
Dual Output Digital Multi-Phase Controller
More results


Similar Description - IR3567B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3564A IRF-IR3564A Datasheet
392Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3565A IRF-IR3565A Datasheet
358Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A Datasheet
379Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A Datasheet
363Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3564A IRF-IR3564A_15 Datasheet
419Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3565A IRF-IR3565A_15 Datasheet
355Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A_15 Datasheet
413Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A_15 Datasheet
399Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3581 IRF-IR3581_15 Datasheet
246Kb / 5P
Dual Output Digital Multi-Phase Controller
IR3584 IRF-IR3584_15 Datasheet
235Kb / 5P
Dual Output Digital Multi-Phase Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com