Electronic Components Datasheet Search
  English  ▼

X  

1495A Datasheet (PDF) - Belden Inc.

1495A Datasheet PDF - Belden Inc.
Part # 1495A
Download  1495A Download
File Size   162.41 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 12 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG

1495A Datasheet (PDF)

Go To PDF Page Download Datasheet
1495A Datasheet PDF - Belden Inc.

Part # 1495A
Download  1495A Click to download

File Size   162.41 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 12 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG

1495A Datasheet (HTML) - Belden Inc.


1495A Product details

Product Description
UL Instrumentation, 12 Pair 16+22AWG (7x24+7x30) Bare Copper, PVC Insulation E1 Color Code, Individual & Overall Beldfoil® Shield, Black PVC Outer
Jacket, PLTC ITC CMG AWM 2464 SUN RES DIR BUR




Similar Part No. - 1495A

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1495 HAMMOND-1495 Datasheet
104Kb / 2P
Socle et base
logo
Ashcroft, Inc.
1495 ASHCROFT-1495 Datasheet
1Mb / 4P
1495 Low Pressure Receiver Gauge
RevB_11/19
logo
Heyco.
14950 HEYCO-14950 Datasheet
90Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Evolt
14950 EKTOR-14950 Datasheet
170Kb / 2P
DALI-2 CONSTANT CURRENT DRIVER
31st of January 2025 07:12:39
logo
PHOENIX CONTACT
1495002 PHOENIX-1495002 Datasheet
181Kb / 4P
UCS SHS M2,5X4 - Screw set
More results


Similar Description - 1495A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1484A BELDEN-1484A Datasheet
166Kb / 2P
Inst, 4 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1499A BELDEN-1499A Datasheet
160Kb / 2P
Inst, 36 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3051A BELDEN-3051A Datasheet
160Kb / 2P
Inst, 16 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1059A BELDEN-1059A Datasheet
164Kb / 2P
Inst, 16 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1078A BELDEN-1078A Datasheet
163Kb / 2P
Inst, 12 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1079A BELDEN-1079A Datasheet
211Kb / 2P
Inst, 16 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
06-01-2023
1486A BELDEN-1486A Datasheet
166Kb / 2P
Inst, 12 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1493A BELDEN-1493A Datasheet
162Kb / 2P
Inst, 4 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1498A BELDEN-1498A Datasheet
162Kb / 2P
Inst, 24 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3050A BELDEN-3050A Datasheet
221Kb / 2P
Inst, 16 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com