Electronic Components Datasheet Search
  English  ▼

X  

1030A Datasheet (PDF) - Belden Inc.

1030A Datasheet PDF - Belden Inc.
Part # 1030A
Download  1030A Download
File Size   164.81 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 1 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC, ITC, CMG

1030A Datasheet (PDF)

Go To PDF Page Download Datasheet
1030A Datasheet PDF - Belden Inc.

Part # 1030A
Download  1030A Click to download

File Size   164.81 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 1 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC, ITC, CMG

1030A Datasheet (HTML) - Belden Inc.


1030A Product details

Product Description
UL Instrumentation, 1 Pair 16AWG (7x24) Bare Copper, PVC Insulation E1 Color Code, Overall Beldfoil® Shield, Black PVC Outer Jacket, PLTC ITC CMG
SUN RES




Similar Part No. - 1030A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1030A ETC2-1030A Datasheet
104Kb / 3P
16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, overall Beldfoil shield
1030A0061000 ETC2-1030A0061000 Datasheet
104Kb / 3P
16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, overall Beldfoil shield
1030A00610000 ETC2-1030A00610000 Datasheet
104Kb / 3P
16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, overall Beldfoil shield
1030A0065000 ETC2-1030A0065000 Datasheet
104Kb / 3P
16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, overall Beldfoil shield
1030A0101000 ETC2-1030A0101000 Datasheet
104Kb / 3P
16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, overall Beldfoil shield
More results


Similar Description - 1030A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1484A BELDEN-1484A Datasheet
166Kb / 2P
Inst, 4 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3051A BELDEN-3051A Datasheet
160Kb / 2P
Inst, 16 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1032A BELDEN-1032A Datasheet
185Kb / 2P
Inst, 1 Pr #18 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1035A BELDEN-1035A Datasheet
192Kb / 2P
Inst, 1 Pr #16 Str BC, PVC Ins E1, Blk PVC Jkt, 300V PLTC ITC CMG
04-28-2023
1059A BELDEN-1059A Datasheet
164Kb / 2P
Inst, 16 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1486A BELDEN-1486A Datasheet
166Kb / 2P
Inst, 12 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3027A BELDEN-3027A Datasheet
164Kb / 2P
Inst, 2 Pr #18 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3050A BELDEN-3050A Datasheet
221Kb / 2P
Inst, 16 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
31P1620 BELDEN-31P1620 Datasheet
149Kb / 2P
Inst PVC/PVC, 20 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
32P1816 BELDEN-32P1816 Datasheet
152Kb / 2P
Inst PVC/PVC, 16 Pr #18 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com