Electronic Components Datasheet Search
  English  ▼

X  

OPA2863 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA2863 Datasheet PDF - Texas Instruments
Part # OPA2863
Download  OPA2863 Download
File Size   1933.51 Kbytes
Page   32 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPA2863-Q1 Automotive, Low-Power, 110-MHz, Rail-to-Rail Input/Output Amplifier

OPA2863 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2863 Datasheet PDF - Texas Instruments

Part # OPA2863
Download  OPA2863 Click to download

File Size   1933.51 Kbytes
Page   32 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPA2863-Q1 Automotive, Low-Power, 110-MHz, Rail-to-Rail Input/Output Amplifier

OPA2863 Datasheet (HTML) - Texas Instruments


OPA2863 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Wide-bandwidth
– Unity-gain bandwidth: 110 MHz
– Gain-bandwidth product: 50 MHz
• Low power
– Quiescent current: 700 μA/ch (typical)
– Supply voltage: 2.7 V to 12.6 V
• Input voltage noise: 5.9 nV/√Hz
• Slew rate: 105 V/μs
• Rail-to-rail input and output
• HD2/HD3: –129 dBc/–138 dBc at 20 kHz (2 VPP)
• Additional features:
– Overload power limit
– Output short-circuit protection

2 Applications
• Low-side current sensing
• DC/DC converters
• Inverter and motor control
• Onboard and wireless chargers
• HVAC compressors
• Photodiode TIA interface
• Head-up display (HUD)

3 Description
The OPA2863-Q1 is a low-power, unity-gain
stable, rail-to-rail input and output, voltage-feedback
operational amplifier designed to operate over a
power-supply range of 2.7 V to 12.6 V. Consuming
only 700 μA per channel, the OPA2863-Q1 offers
a gain-bandwidth product of 50 MHz, slew rate of
105 V/μs with a voltage noise density of 5.9 nV/√Hz.
The rail-to-rail input stage makes OPA2863-Q1 an
excellent choice for general-purpose applications like
current sensing and photodiode interface. The rail-torail
input stage is well-matched for gain-bandwidth
product and noise across the full input common‑mode
voltage range, enabling excellent performance with
wide-input dynamic range.
The OPA2863-Q1 includes overload power limiting to
limit the increase in IQ with saturated outputs, thereby
preventing excessive power dissipation in powerconscious,
battery-operated systems. The output
stage is short-circuit protected, making these devices
conducive to ruggedized environments.




Similar Part No. - OPA2863

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2863 TI-OPA2863 Datasheet
786Kb / 24P
OPAx863 Low-Power, 100-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
OPA2863 TI-OPA2863 Datasheet
3Mb / 42P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
OPA2863 TI-OPA2863 Datasheet
3Mb / 43P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
REVISED JULY 2021
OPA2863 TI-OPA2863 Datasheet
2Mb / 42P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
NOVEMBER 2021
OPA2863 TI-OPA2863 Datasheet
3Mb / 46P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
APRIL 2022
More results


Similar Description - OPA2863

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSV912A-Q1 TI1-TSV912A-Q1 Datasheet
1Mb / 25P
TSV91xA-Q1 Automotive Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV912A-Q1 TI-TSV912A-Q1_V02 Datasheet
2Mb / 37P
TSV91xA-Q1 Automotive Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
OPA863 TI-OPA863 Datasheet
3Mb / 42P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
OPA863 TI-OPA863_V01 Datasheet
3Mb / 43P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
REVISED JULY 2021
OPA863 TI-OPA863_V02 Datasheet
2Mb / 42P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
NOVEMBER 2021
OPA863 TI-OPA863_V03 Datasheet
3Mb / 46P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
APRIL 2022
OPA863 TI-OPA863_V04 Datasheet
2Mb / 45P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
REVISED AUGUST 2022
OPA863 TI-OPA863_V05 Datasheet
2Mb / 49P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
REVISED AUGUST 2022
OPA863 TI-OPA863_V06 Datasheet
2Mb / 52P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
REVISED DECEMBER 2022
OPA2863-Q1 TI-OPA2863-Q1 Datasheet
1Mb / 31P
OPAx863-Q1 Automotive, Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
FEBRUARY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com