Electronic Components Datasheet Search
  English  ▼

X  

AFE7954IALK Datasheet (PDF) - Texas Instruments

AFE7954IALK Datasheet PDF - Texas Instruments
Part # AFE7954IALK
Download  AFE7954IALK Download
File Size   925.97 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AFE7954 Quad RF Sampling 12 GSPS Digital-to-Analog Converter (DAC)

AFE7954IALK Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE7954IALK Datasheet PDF - Texas Instruments

Part # AFE7954IALK
Download  AFE7954IALK Click to download

File Size   925.97 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AFE7954 Quad RF Sampling 12 GSPS Digital-to-Analog Converter (DAC)

AFE7954IALK Datasheet (HTML) - Texas Instruments


AFE7954IALK Product details

1 Features
• Request full data sheet
• Quad RF sampling 12-GSPS DACs
• Maximum RF signal bandwidth:
– 4TX: 1200 MHz or
– 2TX: 2400 MHz
• RF frequency range: 600 MHz - 12 GHz
• Digital step attenuators (DSA):
– TX: 40 dB range, 0.125-dB steps
• Single or dual-band DUCs
• 16x NCOs per TX
• Optional Internal PLL/VCO for DAC or external
clock at DAC sample rate
• SerDes data interface:
– JESD204B and JESD204C compatible
– 8 SerDes receivers up to 29.5 Gbps
– Subclass 1 multi-device synchronization
• Package: 17-mm × 17-mm FCBGA, 0.8-mm pitch

2 Applications
• Radar
• Seeker front end
• Defense radio
• Tactical communications infrastructure
• Wireless communications test

3 Description
The AFE7954 is a high performance, wide bandwidth
quad channel RF sampling DAC. With operation up
to 12 GHz, this device enables direct RF sampling
in the L, S, C and X-band frequency ranges without
the need for additional frequency conversions stages.
This improvement in density and flexibility enables
high-channel-count, multi-mission systems.
The signal paths support interpolation and digital up
conversion options that deliver up to 1200 MHz of
signal bandwidth for four DACs (TX) or 2400 MHz for
two DACs. The output of the DUCs drives a 12-GSPS
DAC (digital to analog converter) with a mixed mode
output option to enhance 2nd Nyquist operation. The
DAC output includes a variable gain amplifier (TX
DSA) with 40-dB range and 1-dB analog and 0.125-
dB digital steps.




Similar Part No. - AFE7954IALK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7954IALK TI2-AFE7954IALK Datasheet
894Kb / 31P
AFE7954 Quad RF Sampling 12 GSPS Digital-to-Analog Converter (DAC)
JULY 2023
AFE7954IALK.B TI2-AFE7954IALK.B Datasheet
894Kb / 31P
AFE7954 Quad RF Sampling 12 GSPS Digital-to-Analog Converter (DAC)
JULY 2023
More results


Similar Description - AFE7954IALK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9213 AD-AD9213 Datasheet
2Mb / 110P
12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. A
AD9217 AD-AD9217 Datasheet
71Kb / 2P
12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com