Electronic Components Datasheet Search
  English  ▼

X  

ADS9817 Datasheet (PDF) - Texas Instruments

ADS9817 Datasheet PDF - Texas Instruments
Part # ADS9817
Download  ADS9817 Download
File Size   1851.69 Kbytes
Page   57 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ADS981x 18-Bit, 8-MSPS, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End

ADS9817 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS9817 Datasheet PDF - Texas Instruments

Part # ADS9817
Download  ADS9817 Click to download

File Size   1851.69 Kbytes
Page   57 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ADS981x 18-Bit, 8-MSPS, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End

ADS9817 Datasheet (HTML) - Texas Instruments


ADS9817 Product details

1 Features
• 8-channel, 18-bit ADC with analog front-end:
– Dual, simultaneous sampling: 4 × 1 channels
– Constant 1-MΩ input impedance front-end
• Programmable low-pass filter bandwidth:
– 21 kHz and 400 kHz
• Programmable input ranges:
– ±12 V, ±10 V, ±7 V, ±5 V, ±3.5 V, and ±2.5 V
– Single-ended and differential inputs
• Input overvoltage protection: Up to ±18 V
• Integrated low-drift 4.096-V precision reference
• Excellent performance:
– DNL: ±0.3 LSB, INL: ±1.5 LSB
– SNR: 92.2 dB, THD: –112 dB
• Power supply:
– Analog and digital: 5 V and 1.8 V
– Digital interface: 1.2 V to 1.8 V
• Temperature range: –40°C to +125°C

2 Applications
• Semiconductor test
• Battery test
• Data acquisition (DAQ).

3 Description
The ADS981x is an eight-channel data acquisition
(DAQ) system based on a dual, simultaneoussampling,
18-bit successive approximation register
(SAR) analog-to-digital converter (ADC). The
ADS981x features a complete analog front-end
for each channel with an input clamp, 1-MΩ
input impedance, independently programmable gain
amplifier (PGA), programmable low-pass filter, and an
ADC input driver. The device also features a low-drift,
precision reference with a buffer to drive the ADCs. A
high-speed digital interface supporting 1.2-V to 1.8-V
operation enables the ADS981x to be used with a
variety of host controllers.
The ADS981x can be configured to accept ±12-V,
±10-V, ±7-V, ±5-V, ±3.5-V, and ±2.5-V bipolar inputs.
The high input impedance allows direct connection
with sensors and transformers, thus eliminating the
need for external driver circuits. The high performance
and accuracy, along with zero-latency conversions
offered by this device make the ADS981x a great
choice for multiple industrial applications.




Similar Part No. - ADS9817

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS9817 TI-ADS9817 Datasheet
1Mb / 53P
ADS981x 18-Bit, 8-MSPS, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
REVISED JANUARY 2023
ADS9817 TI1-ADS9817 Datasheet
2Mb / 68P
ADS981x 18-Bit, 2-MSPS/Ch, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
REVISED DECEMBER 2023
ADS9817 TI-ADS9817 Datasheet
2Mb / 74P
ADS981x 18-Bit, 2-MSPS/Ch, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
OCTOBER 2024
ADS9817RSHR TI1-ADS9817RSHR Datasheet
2Mb / 68P
ADS981x 18-Bit, 2-MSPS/Ch, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
REVISED DECEMBER 2023
ADS9817RSHR TI-ADS9817RSHR Datasheet
2Mb / 74P
ADS981x 18-Bit, 2-MSPS/Ch, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
OCTOBER 2024
More results


Similar Description - ADS9817

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608BSTZ AD-AD7608BSTZ Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
logo
Maxim Integrated Produc...
MAX11046B MAXIM-MAX11046B Datasheet
660Kb / 10P
8-Channel Simultaneous- Sampling Analog Front End
2013
logo
Analog Devices
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
23-Feb-2017
logo
Texas Instruments
ADS8686S TI1-ADS8686S Datasheet
1Mb / 98P
ADS8686S 16-Channel, 16-Bit, 1-MSPS, Dual, Simultaneous Sampling ADC With Integrated Analog Front-End
logo
Analog Devices
AD7606C-18 AD-AD7606C-18 Datasheet
1Mb / 75P
8-Channel DAS with 18-Bit, 1 MSPS Bipolar Input, Simultaneous Sampling ADC
10/2020-Revision 0
logo
Maxim Integrated Produc...
REFD5827 MAXIM-REFD5827 Datasheet
660Kb / 10P
Petaluma (MAXREFDES30#): 8-Channel Simultaneous- Sampling Analog Front End
Apr 28, 2014
logo
Texas Instruments
ADS9817 TI-ADS9817 Datasheet
1Mb / 53P
ADS981x 18-Bit, 8-MSPS, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
REVISED JANUARY 2023
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
ADS9817 TI1-ADS9817_V02 Datasheet
2Mb / 68P
ADS981x 18-Bit, 2-MSPS/Ch, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
REVISED DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com