Electronic Components Datasheet Search
  English  ▼

X  

SP809EK-4-6 Datasheet (PDF) - Sipex Corporation

SP809EK-4-6 Datasheet PDF - Sipex Corporation
Part # SP809EK-4-6
Download  SP809EK-4-6 Download
File Size   181.33 Kbytes
Page   8 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3 Pin Microprocessor Supervisor Circuit

SP809EK-4-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP809EK-4-6 Datasheet PDF - Sipex Corporation

Part # SP809EK-4-6
Download  SP809EK-4-6 Click to download

File Size   181.33 Kbytes
Page   8 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3 Pin Microprocessor Supervisor Circuit

SP809EK-4-6 Datasheet (HTML) - Sipex Corporation


SP809EK-4-6 Product details

DESCRIPTION
The SP809/SP810 are low power microprocessor (µP) supervisory circuits used to monitor power supplies in µP and digital systems. They provide applications with benefits of circuit reliability and low cost by eliminating external components. If the VCC supply voltage falls below preset threshold then a reset signal is asserted for at least 140ms after VCC has risen above the reset threshold. Both the SP809 and SP810 were designed with a reset comparator to help identify invalid signals, which last less than 140ms. The only difference between them is that they have an active-low RESET output and active-high RESET output, respectively. Low supply current (1µA) makes SP809/SP810 ideal for portable equipment. The devices are available in 3 pin SOT-23 package.

FEATURES
■ Ultra Low Supply Current 1µA (typ.)
■ Guaranteed Reset valid to VCC = 0.9V
■ 140 ms Min. Power-On Reset Pulse Width
■ Internally Fixed Threshold 2.3V, 2.6V, 2.9V, 3.1V, 4.0V, 4.4V, 4.6V
■ Tight Voltage Threshold Tolerance: 1.5%
■ Offered in a 3 Pin SOT-23 Package

APPLICATIONS
■ Portable Electronic Devices
■ Electrical Power Meter
■ Digital Still Camera
■ µP Power Monitoring




Similar Part No. - SP809EK-4-6

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
3 Pin Microprocessor Supervisor Circuit
SP809EK-L-2-3TR EXAR-SP809EK-L-2-3TR Datasheet
474Kb / 8P
3 Pin Microprocessor Supervisor Circuit
SP809EK-L-2-6TR EXAR-SP809EK-L-2-6TR Datasheet
474Kb / 8P
3 Pin Microprocessor Supervisor Circuit
SP809EK-L-2-9TR EXAR-SP809EK-L-2-9TR Datasheet
474Kb / 8P
3 Pin Microprocessor Supervisor Circuit
SP809EK-L-3-1TR EXAR-SP809EK-L-3-1TR Datasheet
474Kb / 8P
3 Pin Microprocessor Supervisor Circuit
More results


Similar Description - SP809EK-4-6

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
3-Pin 關C Supervisor Circuit
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
3-Pin Microprocessor Reset Circuit
logo
Fairchild Semiconductor
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
3-Pin uC Supervisor Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Micrel Semiconductor
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
3-PIN MICROPROCESSOR RESET CIRCUIT
Rev 1
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
3 Pin Microprocessor Supervisor Circuit
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Diodes Incorporated
APX803S DIODES-APX803S Datasheet
356Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com