Electronic Components Datasheet Search
  English  ▼

X  

55507303 Datasheet (PDF) - Lapp.

55507303 Datasheet PDF - Lapp.
Part # 55507303
Download  55507303 Download
File Size   142.97 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® FPAX 90° M

55507303 Datasheet (PDF)

Go To PDF Page Download Datasheet
55507303 Datasheet PDF - Lapp.

Part # 55507303
Download  55507303 Click to download

File Size   142.97 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® FPAX 90° M

55507303 Datasheet (HTML) - Lapp.


55507303 Product details

Technical Features:
Connecting thread M16x1,5 up to M63x1,5 acc. to EN 60423
Nominal wide NW 13 up to NW 54
Protection class IP66, IP 67, IP68 (2bar) and IP69 acc. to EN 60529
Depending on the used conduit
Temperature range -50°C up to +135°C




Similar Part No. - 55507303

ManufacturerPart #DatasheetDescription
logo
Lapp.
55507000 LAPP-55507000 Datasheet
89Kb / 1P
SILVYN® FPAC
03.07.2018
55507001 LAPP-55507001 Datasheet
89Kb / 1P
SILVYN® FPAC
03.07.2018
55507005 LAPP-55507005 Datasheet
89Kb / 1P
SILVYN® FPAC
03.07.2018
55507006 LAPP-55507006 Datasheet
89Kb / 1P
SILVYN® FPAC
03.07.2018
55507010 LAPP-55507010 Datasheet
89Kb / 1P
SILVYN® FPAC
03.07.2018
More results


Similar Description - 55507303

ManufacturerPart #DatasheetDescription
logo
Lapp.
55501000 LAPP-55501000 Datasheet
123Kb / 2P
SILVYN® KLICK-M
24.04.2018
55501110 LAPP-55501110 Datasheet
149Kb / 2P
SILVYN® KLICK 90° M
03.07.2018
55501850 LAPP-55501850 Datasheet
205Kb / 2P
SILVYN® SSVZ-M
06.06.2023
55502480 LAPP-55502480 Datasheet
148Kb / 2P
SILVYN® MPC 90° M
03.07.2018
55502486 LAPP-55502486 Datasheet
113Kb / 2P
SILVYN® MPC 90°
03.07.2018
55502611 LAPP-55502611 Datasheet
108Kb / 2P
SILVYN® US-M AS / SILVYN® US AS
07.03.2019
55506135 LAPP-55506135 Datasheet
141Kb / 2P
SILVYN® FPAX-M
20.05.2019
61801020 LAPP-61801020 Datasheet
132Kb / 2P
SILVYN® KLICK 90° PG
14.05.2018
61803800 LAPP-61803800 Datasheet
99Kb / 1P
SILVYN® COMPACT M
26.11.2018
61803808 LAPP-61803808 Datasheet
110Kb / 2P
SILVYN® COMPACT 90° M
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com