Electronic Components Datasheet Search
  English  ▼

X  

55506185 Datasheet (PDF) - Lapp.

55506185 Datasheet PDF - Lapp.
Part # 55506185
Download  55506185 Download
File Size   141.77 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® FPAX-M

55506185 Datasheet (PDF)

Go To PDF Page Download Datasheet
55506185 Datasheet PDF - Lapp.

Part # 55506185
Download  55506185 Click to download

File Size   141.77 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® FPAX-M

55506185 Datasheet (HTML) - Lapp.


55506185 Product details

Technical Features:
Connecting thread M16x1,5 up to M63x1,5 acc. to EN 60423
Nominal wide NW 13 up to NW 54
Protection class IP66, IP 67, IP68 (2bar) and IP69 acc. to EN 60529
In combination with SILVYN® FPAS
Temperature range -50°C up to +135°C




Similar Part No. - 55506185

ManufacturerPart #DatasheetDescription
logo
Lapp.
55506110 LAPP-55506110 Datasheet
160Kb / 3P
SILVYN® MSK-M US
28.05.2020
55506111 LAPP-55506111 Datasheet
160Kb / 3P
SILVYN® MSK-M US
28.05.2020
55506112 LAPP-55506112 Datasheet
160Kb / 3P
SILVYN® MSK-M US
28.05.2020
55506113 LAPP-55506113 Datasheet
160Kb / 3P
SILVYN® MSK-M US
28.05.2020
55506114 LAPP-55506114 Datasheet
160Kb / 3P
SILVYN® MSK-M US
28.05.2020
More results


Similar Description - 55506185

ManufacturerPart #DatasheetDescription
logo
Lapp.
55501000 LAPP-55501000 Datasheet
123Kb / 2P
SILVYN® KLICK-M
24.04.2018
55501300 LAPP-55501300 Datasheet
96Kb / 2P
SILVYN® USK-M
08.05.2018
55501850 LAPP-55501850 Datasheet
205Kb / 2P
SILVYN® SSVZ-M
06.06.2023
55502460 LAPP-55502460 Datasheet
121Kb / 2P
SILVYN® MPC-M
03.07.2018
55502601 LAPP-55502601 Datasheet
111Kb / 2P
SILVYN® US-M EE / SILVYN® US EE
07.03.2019
55502611 LAPP-55502611 Datasheet
108Kb / 2P
SILVYN® US-M AS / SILVYN® US AS
07.03.2019
55507300 LAPP-55507300 Datasheet
142Kb / 2P
SILVYN® FPAX 90° M
17.05.2018
55510000 LAPP-55510000 Datasheet
91Kb / 1P
SILVYN® BMC-M
27.05.2020
61803800 LAPP-61803800 Datasheet
99Kb / 1P
SILVYN® COMPACT M
26.11.2018
65500405 LAPP-65500405 Datasheet
103Kb / 2P
SILVYN® FLEXILOK M
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com