Electronic Components Datasheet Search
  English  ▼

X  

55501070 Datasheet (PDF) - Lapp.

55501070 Datasheet PDF - Lapp.
Part # 55501070
Download  55501070 Download
File Size   123.94 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® KLICK-M

55501070 Datasheet (PDF)

Go To PDF Page Download Datasheet
55501070 Datasheet PDF - Lapp.

Part # 55501070
Download  55501070 Click to download

File Size   123.94 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® KLICK-M

55501070 Datasheet (HTML) - Lapp.


55501070 Product details

Technical Features:
Connecting thread M10x1,0 up to M63x1,5 acc. to EN 60423
Nominal wide NW 10 up to NW 54
Protection class IP68 acc. to EN 60529
IP69 acc. to DIN 40050 T9
Depending on the used conduit
Temperature range -40°C up to +115°C




Similar Part No. - 55501070

ManufacturerPart #DatasheetDescription
logo
Lapp.
55501110 LAPP-55501110 Datasheet
149Kb / 2P
SILVYN® KLICK 90° M
03.07.2018
55501115 LAPP-55501115 Datasheet
149Kb / 2P
SILVYN® KLICK 90° M
03.07.2018
55501120 LAPP-55501120 Datasheet
149Kb / 2P
SILVYN® KLICK 90° M
03.07.2018
55501125 LAPP-55501125 Datasheet
149Kb / 2P
SILVYN® KLICK 90° M
03.07.2018
55501130 LAPP-55501130 Datasheet
149Kb / 2P
SILVYN® KLICK 90° M
03.07.2018
More results


Similar Description - 55501070

ManufacturerPart #DatasheetDescription
logo
Lapp.
55500800 LAPP-55500800 Datasheet
133Kb / 2P
SILVYN® KLICK GPZ-M
03.07.2018
55501110 LAPP-55501110 Datasheet
149Kb / 2P
SILVYN® KLICK 90° M
03.07.2018
55501850 LAPP-55501850 Datasheet
205Kb / 2P
SILVYN® SSVZ-M
06.06.2023
55506135 LAPP-55506135 Datasheet
141Kb / 2P
SILVYN® FPAX-M
20.05.2019
56000120 LAPP-56000120 Datasheet
87Kb / 1P
SILVYN® KLICK-Y (TPE)
03.07.2018
61801020 LAPP-61801020 Datasheet
132Kb / 2P
SILVYN® KLICK 90° PG
14.05.2018
61803800 LAPP-61803800 Datasheet
99Kb / 1P
SILVYN® COMPACT M
26.11.2018
61811110 LAPP-61811110 Datasheet
119Kb / 2P
SILVYN® KLICK-S
30.08.2019
61811200 LAPP-61811200 Datasheet
85Kb / 1P
SILVYN® KLICK-D
30.08.2019
65500630 LAPP-65500630 Datasheet
149Kb / 1P
SILVYN® KLICK-RH
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com