Electronic Components Datasheet Search
  English  ▼

X  

UPD168830 Datasheet (PDF) - Renesas Technology Corp

UPD168830 Datasheet PDF - Renesas Technology Corp
Part # UPD168830
Download  UPD168830 Download
File Size   492.68 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD168830 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD168830 Datasheet PDF - Renesas Technology Corp

Part # UPD168830
Download  UPD168830 Click to download

File Size   492.68 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD168830 Datasheet (HTML) - Renesas Technology Corp


UPD168830 Product details

FEATURE
• Flexible choice of Buck or Boost is available (one from Buck topology or Boost topology) by the arrangement of
external power-MOSFET, Shottkey barrier diodes and other external components and MODE pin setting.
• High output current: 1500 mA Max. (set by external current sense resistor)
• Chopping frequency = 1 MHz Max. (set by external resister and capacitor)
• Wide input voltage range (9 to 38 V)
• On/Off and dimming control using PWM
• Thermal Protection function
• Over current protection
• Over voltage protection (Boost mode)
• Under-voltage lock-out function for CVDD
• Stand-by (Enable) terminal
• Efficient software development and various control, combined with All Flush MCU of NEC Electronics Corporation




Similar Part No. - UPD168830

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD168804 RENESAS-UPD168804 Datasheet
500Kb / 22P
MOS INTEGRATED CIRCUIT
2009
UPD168804GA-8EU-A RENESAS-UPD168804GA-8EU-A Datasheet
500Kb / 22P
MOS INTEGRATED CIRCUIT
2009
UPD168807 RENESAS-UPD168807 Datasheet
540Kb / 32P
4-ch Output DC-DC Converter Controller IC
Mar 18, 2011
UPD168807K9-4EG-E1-A RENESAS-UPD168807K9-4EG-E1-A Datasheet
540Kb / 32P
4-ch Output DC-DC Converter Controller IC
Mar 18, 2011
logo
NEC
UPD16882 NEC-UPD16882 Datasheet
190Kb / 20P
MONOLITHIC CD-ROM/DVD-ROM 3-PHASE SPINDLE MOTOR DRIVER
More results


Similar Description - UPD168830

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com