Electronic Components Datasheet Search
  English  ▼

X  

CH7034B Datasheet (PDF) - Chrontel, Inc.

CH7034B Datasheet PDF - Chrontel, Inc.
Part # CH7034B
Download  CH7034B Download
File Size   215.79 Kbytes
Page   9 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description CH7034B HDTV/VGA/LVDS Encoder

CH7034B Datasheet (PDF)

Go To PDF Page Download Datasheet
CH7034B Datasheet PDF - Chrontel, Inc.

Part # CH7034B
Download  CH7034B Click to download

File Size   215.79 Kbytes
Page   9 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description CH7034B HDTV/VGA/LVDS Encoder

CH7034B Datasheet (HTML) - Chrontel, Inc.


CH7034B Product details

FEATURES GENERAL DESCRIPTIONS
 Supports multiple output display formats – including
Component YPrPb(HDTV), LVDS and analog RGB
(VGA)
 Three 10-bit high speed DACs
 HDTV output support up to 1080p
 Analog RGB (VGA) support up to 1920x1080
resolution
 Single channel LVDS 18-bit transmitter supports
input resolution up to 1366x768
 Support scaled and bypassed video streams output
from VGA/HDTV and LVDS interfaces
simultaneously
 Supports panel protection, power sequencing and
backlight on/off. PWM is available for controlling
LCD brightness
 TV/Monitor connection detect capability. DACs can
be switched off through programming internal
registers
 On-chip SDRAM frame buffer to support frame rate
conversion.
 Programmable adaptive de-flickering filter
 Supports 8/12/16/18/24-bit parallel interface inputs
for either RGB format or YCbCr format (ITU-R 656
or ITU-R 601). 80/86 MPU interface and DE only
mode are also supported.
 Wide range of input resolutions support for up to
1366x768 (i.e. 640x480 720x480, 720x576, 800x600,
1024x600, 1024x768, 1280x800, and etc.)
 Image display rotation support at 90/180/270 degree
or flipped in horizontal/vertical position
 Pixel-level color enhancement for brightness,
contrast, hue and saturation adjustment for HDTV
 Horizontal/vertical position adjusted through serial
port programming
 Pixel clock input frequency support for up to 165
MHz
 Flexible crystal or oscillator clock input frequency
(2.3MHz – 64MHz)
 IO Supply Voltages from 1.2V to 3.3V and SPC/SPD
Supply Voltages from 1.8V to 3.3V.
 Programmable power management
 Device fully programmable through serial port or can
automatically load firmware from Chrontel Boot
ROM (CH9904)
 Offered in a 88-pin QFN package
Chrontel CH7034B is specifically designed for a portable
system that requires connections to LCD display, High
Definition Television (HDTV) or RGB (VGA) monitor.
With its advanced video encoder, flexible scaling engine
and easy-to-configure video interface, the CH7034B
satisfies manufactures’ product display requirements and
reduces their costs of development and time-to-market.
The CH7034B provides analog RGB and YPrPb outputs
that allow a system to display high definition media
content to HDTV/RGB monitors. The device is
compliant with EIA770-3 and SMPTE 274M/293M
/296M standards and supports HDTV resolution up to
1080p. The 3 high-performance, 10-bit DACs can be
used for either HDTV display or VGA output. The
CH7034B has the ability to generate composite syncs if
required by the RGB monitor.
To support portable computer with LCD display, the
CH7034B has incorporated an one-channel, 18-bit output
LVDS transmitter. On-chip dithering function is
available to convert 24-bit color to 18-bit color LCD
panels. Two popular LVDS standards, the OpenLDI and
the VESA SPWG are supported by the CH7034B LVDS
driver. The preferred standard and its display timing can
be configured through devices’ registers when system is
powered on.
The CH7034B is equipped with panel protection
mechanism to switch off the LCD instantly if input data
is missing or unstable. The panel on/off sequences and
backlight control can be configured through
programming internal registers. In addition, a built-in
PWM function can be used to achieve digital dimming
for LCD panel.
The CH7034B converts a wide range of input formats to
HDTV/VGA outputs and LVDS display. RGB data
format such as 16-bit 5:6:5, 18-bit 6:6:6 or 24-bit 8:8:8
enters through the device’s 24-bit bus. In YCrCb format,
either 24-bit 4:4:4 data or 16-bit 4:2:2 is supported by the
CH7034B’s color space converter. The device’s video
capture block also has an option to support 80/86 MPU
interface. The input video signal can be either interlaced
or non-interlaced data formats.
With its embedded high speed SDRAM, the CH7034B
can help manufactures design their products to achieve
simultaneous LVDS and HDTV/VGA display. Thanks to
the sophisticated scaler, the input LCD data with low
resolution or reduced-frame rate can be covert to high
APPLICATION
 Mobile Internet Devices
 Smartbook / Electronic Book
 Tablet Device
 Portable DVD Players
 Docking Station
quality HDTV or VGA display without extra loading on
the processor. Also, by taking the advantage of the
framebuffer, the scaler can perform other image
manipulations including resizing and rotation.




Similar Part No. - CH7034B

ManufacturerPart #DatasheetDescription
logo
Chrontel, Inc.
CH7033B CHRONTEL-CH7033B Datasheet
218Kb / 9P
CH7033B HDTV/VGA/ DVI Encoder
Rev. 1.4 06/30/2020
CH7033B-BF CHRONTEL-CH7033B-BF Datasheet
218Kb / 9P
CH7033B HDTV/VGA/ DVI Encoder
Rev. 1.4 06/30/2020
CH7033B-BFI CHRONTEL-CH7033B-BFI Datasheet
218Kb / 9P
CH7033B HDTV/VGA/ DVI Encoder
Rev. 1.4 06/30/2020
CH7035B CHRONTEL-CH7035B Datasheet
226Kb / 8P
CH7035B DVI Transmitter
Rev. 1.2 06/30/2020
CH7035B-BF CHRONTEL-CH7035B-BF Datasheet
226Kb / 8P
CH7035B DVI Transmitter
Rev. 1.2 06/30/2020
More results


Similar Description - CH7034B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7312 AD-ADV7312 Datasheet
975Kb / 84P
Multiformat 11-Bit HDTV Video Encoder
REV.0
logo
List of Unclassifed Man...
CH7303 ETC-CH7303 Datasheet
330Kb / 15P
Chrontel CH7303 HDTV / DVI Encoder
logo
Analog Devices
ADV7322 AD-ADV7322 Datasheet
973Kb / 88P
Multiformat 11-Bit HDTV Video Encoder
logo
Synaptics Incorporated.
CX25874 CONEXANT-CX25874 Datasheet
296Kb / 4P
Video Encoder with HDTV Output
logo
Analog Devices
ADV7312 AD-ADV7312_15 Datasheet
981Kb / 84P
Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7322 AD-ADV7322_15 Datasheet
1,021Kb / 92P
Multiformat 11-Bit HDTV Video Encoder
Rev. 0
logo
Chrontel, Inc.
CH7016A CHRONTEL-CH7016A Datasheet
731Kb / 59P
CH7016A SDTV / HDTV Encoder
Rev. 1.2, 1/7/2014
CH7033B CHRONTEL-CH7033B Datasheet
218Kb / 9P
CH7033B HDTV/VGA/ DVI Encoder
Rev. 1.4 06/30/2020
CH7053A CHRONTEL-CH7053A Datasheet
181Kb / 8P
CH7053A HDTV/VGA/ DVI Transmitter
Rev 1.0 08/22/2014
CH7104B CHRONTEL-CH7104B Datasheet
200Kb / 7P
CH7104B HDMI to HDTV/VGA Converter
Rev 1.5 2021-5-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com