Electronic Components Datasheet Search
  English  ▼

X  

BTD21520M Datasheet (PDF) - BASIC SEMICONDUCTOR

BTD21520M Datasheet PDF - BASIC SEMICONDUCTOR
Part # BTD21520M
Download  BTD21520M Download
File Size   642.4 Kbytes
Page   19 Pages
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR
Description Dual-Channel Isolated Gate Driver

BTD21520M Datasheet (PDF)

Go To PDF Page Download Datasheet
BTD21520M Datasheet PDF - BASIC SEMICONDUCTOR

Part # BTD21520M
Download  BTD21520M Click to download

File Size   642.4 Kbytes
Page   19 Pages
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR
Description Dual-Channel Isolated Gate Driver

BTD21520M Datasheet (HTML) - BASIC SEMICONDUCTOR


BTD21520M Product details

Features
• Isolation voltage up to 5000Vrms
• Dual-channel isolated driver
• Primary-side supply supporting 3-18V
• Secondary-side supply supporting up to 25V
• 4-A peak source, 6-A peak sink at output
• Integrated disable function
• Integrated dead time setting function
• Propagation delay 45ns (typical)
• Operating temperature -40~125℃
• SOW-14 wide body package

Applications
Industrial:
• Power distribution
• Motor control systems
• Isolated switched-mode power supplies
• Lighting systems
• Plasma displays
• PV and industrial inverters
Automotive:
• On-board chargers
• Battery management systems
• Charging stations
• Traction inverters
• Hybrid Vehicles
• Battery electric vehicles




Similar Part No. - BTD21520M

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
BTD21520M BASICSEMI-BTD21520M Datasheet
1Mb / 27P
Dual-Channel Isolated Gate Driver
Rev.0.2
BTD21520MAPR BASICSEMI-BTD21520MAPR Datasheet
1Mb / 27P
Dual-Channel Isolated Gate Driver
Rev.0.2
BTD21520MAWR BASICSEMI-BTD21520MAWR Datasheet
1Mb / 27P
Dual-Channel Isolated Gate Driver
Rev.0.2
BTD21520MBPR BASICSEMI-BTD21520MBPR Datasheet
1Mb / 27P
Dual-Channel Isolated Gate Driver
Rev.0.2
BTD21520MBWR BASICSEMI-BTD21520MBWR Datasheet
1Mb / 27P
Dual-Channel Isolated Gate Driver
Rev.0.2
More results


Similar Description - BTD21520M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3220BRZ AD-ADUM3220BRZ Datasheet
614Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
REV. C
logo
GeneSiC Semiconductor, ...
GA03IDDJT30-FR4 GENESIC-GA03IDDJT30-FR4 Datasheet
789Kb / 9P
Isolated Gate Driver
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
Isolated Dual-Channel Gate Driver
logo
Analog Devices
ADUM3220 AD-ADUM3220_V01 Datasheet
859Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
Rev. D
logo
ON Semiconductor
NCP51560 ONSEMI-NCP51560 Datasheet
3Mb / 30P
5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 1
logo
STMicroelectronics
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252 Datasheet
839Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
November, 2022 - Rev. 4
NCD57530 ONSEMI-NCD57530 Datasheet
821Kb / 23P
Isolated Dual Channel IGBT Gate Driver
June, 2022 - Rev. 0
NCP51561 ONSEMI-NCP51561 Datasheet
3Mb / 32P
5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 3
NCD57252 ONSEMI-NCD57252_V01 Datasheet
843Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
June, 2023 - Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com