Electronic Components Datasheet Search
  English  ▼

X  

52020513 Datasheet (PDF) - Lapp.

52020513 Datasheet PDF - Lapp.
Part # 52020513
Download  52020513 Download
File Size   116.34 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® WN-M

52020513 Datasheet (PDF)

Go To PDF Page Download Datasheet
52020513 Datasheet PDF - Lapp.

Part # 52020513
Download  52020513 Click to download

File Size   116.34 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® WN-M

52020513 Datasheet (HTML) - Lapp.


52020513 Product details

Technical features:
Connecting thread M16x1,5 up to M63x1,5 acc. to EN 60423
Material Polyethylene
Tensile strengths 18-30 N/mm
Protection class IP54 acc. to EN 60529
Temperature -30° C up to +80° C
Colour RAL 7035 light-grey




Similar Part No. - 52020513

ManufacturerPart #DatasheetDescription
logo
Phoenix Mecano S.E. Asi...
52020500 BOPLA-52020500 Datasheet
2Mb / 22P
Cable glands / General Accessories
logo
List of Unclassifed Man...
5202050000 ETC2-5202050000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results


Similar Description - 52020513

ManufacturerPart #DatasheetDescription
logo
Lapp.
52006600 LAPP-52006600 Datasheet
82Kb / 1P
SKINDICHT® BLK-M
25.11.2021
52032580 LAPP-52032580 Datasheet
138Kb / 2P
SKINDICHT® CN-M
06.05.2022
52100300 LAPP-52100300 Datasheet
117Kb / 2P
SKINDICHT® EKU-M
13.12.2021
52103000 LAPP-52103000 Datasheet
113Kb / 1P
SKINDICHT® SM-M
13.10.2022
52103100 LAPP-52103100 Datasheet
121Kb / 2P
SKINDICHT® BL-M
16.08.2023
52104450 LAPP-52104450 Datasheet
144Kb / 2P
SKINDICHT® ME-M
14.04.2023
52104505 LAPP-52104505 Datasheet
128Kb / 2P
SKINDICHT® KU-M
09.09.2020
52104800 LAPP-52104800 Datasheet
142Kb / 2P
SKINDICHT® SVRN-M
03.07.2018
52107320 LAPP-52107320 Datasheet
148Kb / 2P
SKINDICHT® SVF-M
03.07.2018
52108000 LAPP-52108000 Datasheet
353Kb / 3P
SKINDICHT® SE-M
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com