Electronic Components Datasheet Search
  English  ▼

X  

UPD160903 Datasheet (PDF) - Renesas Technology Corp

UPD160903 Datasheet PDF - Renesas Technology Corp
Part # UPD160903
Download  UPD160903 Download
File Size   278.82 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD160903 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD160903 Datasheet PDF - Renesas Technology Corp

Part # UPD160903
Download  UPD160903 Click to download

File Size   278.82 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD160903 Datasheet (HTML) - Renesas Technology Corp


UPD160903 Product details

FEATURES
• CMOS level input
• 384/402 outputs
• Input of 6 bits (gray-scale data) by 6 dots
• Capable of outputting 64 values by means of 5-by-2 external power modules (10 units) and a D/A converter
• Logic power supply voltage (VDD1): 2.7 to 3.6 V
• Driver power supply voltage (VDD2): 5.5 V ± 0.275 V
• High-speed data transfer: fCLK = 45 MHz (internal data transfer speed when operating at VDD1 = 2.7 V)
• Output dynamic range: VSS2 + 0.1 V to VDD2 – 0.1 V
• Apply for dot-line inversion, n-line inversion and column line inversion
• Output voltage polarity inversion function (POL)
• Display data inversion function (POL21, POL22)
• Single-side mounting is possible (incorporation of slim TCP)




Similar Part No. - UPD160903

ManufacturerPart #DatasheetDescription
logo
NEC
UPD160970 NEC-UPD160970 Datasheet
76Kb / 11P
8-ch level shift driver IC
logo
Renesas Technology Corp
UPD160970 RENESAS-UPD160970 Datasheet
212Kb / 14P
MOS INTEGRATED CIRCUIT
2003
logo
NEC
UPD160970MA NEC-UPD160970MA Datasheet
76Kb / 11P
8-ch level shift driver IC
UPD160970MA-6A5 NEC-UPD160970MA-6A5 Datasheet
76Kb / 11P
8-ch level shift driver IC
logo
Renesas Technology Corp
UPD160970MA-6A5 RENESAS-UPD160970MA-6A5 Datasheet
212Kb / 14P
MOS INTEGRATED CIRCUIT
2003
More results


Similar Description - UPD160903

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com