Electronic Components Datasheet Search
  English  ▼

X  

TA09207AD1 Datasheet (PDF) - Transko Electronics, Inc.

TA09207AD1 Datasheet PDF - Transko Electronics, Inc.
Part # TA09207AD1
Download  TA09207AD1 Download
File Size   627.31 Kbytes
Page   4 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description 92.20 MHz IF SAW Filter / 8.65 MHz Bandwidth

TA09207AD1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA09207AD1 Datasheet PDF - Transko Electronics, Inc.

Part # TA09207AD1
Download  TA09207AD1 Click to download

File Size   627.31 Kbytes
Page   4 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description 92.20 MHz IF SAW Filter / 8.65 MHz Bandwidth

TA09207AD1 Datasheet (HTML) - Transko Electronics, Inc.




Similar Part No. - TA09207AD1

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA09201AV TRANSKO-TA09201AV Datasheet
582Kb / 4P
92.160 MHz IF SAW Filter / 2.06 MHz Bandwidth
Revision 0: 15. Apr. 2009
logo
TAI-SAW TECHNOLOGY CO.,...
TA0920A TAI-SAW-TA0920A Datasheet
429Kb / 8P
SAW Filter 719 MHz
More results


Similar Description - TA09207AD1

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0374BA02518S ICST-SF0374BA02518S Datasheet
125Kb / 3P
374 MHz IF SAW Filter 17 MHz Bandwidth
Rev X2
logo
Oscilent Corporation
809-SL108.4M-02A OSCILENT-809-SL108.4M-02A Datasheet
224Kb / 6P
108.40 MHz IF SAW Filter 3.20 MHz Bandwidth
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
820-IF75.0M-A OSCILENT-820-IF75.0M-A_14 Datasheet
238Kb / 4P
75.0 MHz IF SAW Filter 1.0 MHz Bandwidth
809-SL115.3M-05A OSCILENT-809-SL115.3M-05A Datasheet
224Kb / 6P
115.30 MHz IF SAW Filter 6.20 MHz Bandwidth
813-SL32.0M-03A OSCILENT-813-SL32.0M-03A Datasheet
119Kb / 4P
32.0 MHz IF SAW Filter 2.7 MHz Bandwidth
813-SL50.0M-20A OSCILENT-813-SL50.0M-20A Datasheet
219Kb / 6P
50.0 MHz IF SAW Filter 20.04 MHz Bandwidth
813-SL60.0M-10D OSCILENT-813-SL60.0M-10D Datasheet
217Kb / 6P
60.0 MHz IF SAW Filter 10.68 MHz Bandwidth
logo
Transko Electronics, In...
TA09221AD1 TRANSKO-TA09221AD1 Datasheet
674Kb / 4P
92.20 MHz IF SAW Filter / 21.12 MHz Bandwidth
Revision 0: 16. Jul. 2010
TA09226AD1 TRANSKO-TA09226AD1 Datasheet
668Kb / 4P
92.20 MHz IF SAW Filter / 26.08MHz Bandwidth
Revision 0: 16. Jul. 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com