Electronic Components Datasheet Search
  English  ▼

X  

ELS-120-2010 Datasheet (PDF) - Integrated Power Designs Inc.

ELS-120-2010 Datasheet PDF - Integrated Power Designs Inc.
Part # ELS-120-2010
Download  ELS-120-2010 Download
File Size   347.36 Kbytes
Page   2 Pages
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.
Description 120 WATTS SINGLE/MULTI OUTPUT AC-DC

ELS-120-2010 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELS-120-2010 Datasheet PDF - Integrated Power Designs Inc.

Part # ELS-120-2010
Download  ELS-120-2010 Click to download

File Size   347.36 Kbytes
Page   2 Pages
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.
Description 120 WATTS SINGLE/MULTI OUTPUT AC-DC

ELS-120-2010 Datasheet (HTML) - Integrated Power Designs Inc.


ELS-120-2010 Product details

FEATURES:
• Compact Size 8” x 4” x 2”
• 3 Year Warranty
• Universal 85-264VAC Input
• Single, Dual or Triple Outputs
• >90% Peak Efficiency
• Meets CoC Tier I Efficiency(6)
• IEC 60601-1 3rd ed. Medical Cert.
• IEC 62368-1 2nd ed. Certification
• IEC 60601-1-2 4th ed. EMC
• Class B Emissions per CISPR 11/32
• -20 to +70°C Operating Temperature
• RoHS Compliant




Similar Part No. - ELS-120-2010

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ELS-1 PF-ELS-1 Datasheet
832Kb / 4P
Enclosure Leakage Sensor
logo
Everlight Electronics C...
ELS-1005SURWA/S530-A3 EVERLIGHT-ELS-1005SURWA/S530-A3 Datasheet
123Kb / 7P
Technical Data Sheet 1.0" Single Digit Displays
ELS-1005SYGWA/S530-E2 EVERLIGHT-ELS-1005SYGWA/S530-E2 Datasheet
113Kb / 6P
Technical Data Sheet 1.0" Single Digit Displays
ELS-1005USOWA/S530-A3 EVERLIGHT-ELS-1005USOWA/S530-A3 Datasheet
115Kb / 6P
Technical Data Sheet 1.0" Single Digit Displays
ELS-1006SURWA-S530-A3 EVERLIGHT-ELS-1006SURWA-S530-A3 Datasheet
167Kb / 5P
1.0" Single Digit Displays
More results


Similar Description - ELS-120-2010

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC240ACR15 POWERBOX-PSC240ACR15 Datasheet
517Kb / 3P
100 - 240 WATTS AC/DC SINGLE MULTI OUTPUT
PUP120 POWERBOX-PUP120 Datasheet
654Kb / 2P
120 WATTS SINGLE OUTPUT AC/DC GENERAL
logo
Integrated Power Design...
CE-150 IPDPOWER-CE-150 Datasheet
579Kb / 2P
150 WATTS SINGLE/MULTI OUTPUT AC-DC
REV V 10/6/2022
CE-225 IPDPOWER-CE-225 Datasheet
375Kb / 2P
225 WATTS SINGLE/MULTI OUTPUT AC-DC
REV. Y 10/6/2022
REL-110 IPDPOWER-REL-110 Datasheet
357Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-150 IPDPOWER-REL-150 Datasheet
412Kb / 3P
150 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-185 IPDPOWER-REL-185 Datasheet
440Kb / 2P
185 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-70 IPDPOWER-REL-70 Datasheet
365Kb / 2P
70 WATTS SINGLE/MULTI OUTPUT AC-DC
SRP-25 IPDPOWER-SRP-25 Datasheet
330Kb / 2P
25 WATTS SINGLE/MULTI OUTPUT AC-DC
SRP-40A IPDPOWER-SRP-40A Datasheet
342Kb / 2P
40 WATTS SINGLE/MULTI OUTPUT AC-DC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com