Electronic Components Datasheet Search
  English  ▼

X  

UPD17245 Datasheet (PDF) - Renesas Technology Corp

UPD17245 Datasheet PDF - Renesas Technology Corp
Part # UPD17245
Download  UPD17245 Download
File Size   696.94 Kbytes
Page   104 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD17245 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD17245 Datasheet PDF - Renesas Technology Corp

Part # UPD17245
Download  UPD17245 Click to download

File Size   696.94 Kbytes
Page   104 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD17245 Datasheet (HTML) - Renesas Technology Corp


UPD17245 Product details

• Infrared remote controller carrier generator (REM output)
• 17K architecture: General-purpose register system
• Program memory (ROM), data memory (RAM)
• 8-bit timer: 1 channel
• Basic interval timer/watchdog timer: 1 channel
• Instruction execution time (can be changed in two steps)
@ fX = 4 MHz: 4 μs (high-speed mode)/8 μs (normal mode)
• External interrupt pin (INT/P1B0): 1
• I/O pins: 24
• Supply voltage: VDD = 2.0 to 3.6 V
• On-chip RAM retention detector
• Low-voltage detector (mask option)




Similar Part No. - UPD17245

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17245 NEC-UPD17245 Datasheet
668Kb / 102P
4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
UPD17245MC-XXX-5A4 NEC-UPD17245MC-XXX-5A4 Datasheet
668Kb / 102P
4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
More results


Similar Description - UPD17245

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com