Electronic Components Datasheet Search
  English  ▼

X  

UPD17207 Datasheet (PDF) - Renesas Technology Corp

UPD17207 Datasheet PDF - Renesas Technology Corp
Part # UPD17207
Download  UPD17207 Download
File Size   661.64 Kbytes
Page   122 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD17207 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD17207 Datasheet PDF - Renesas Technology Corp

Part # UPD17207
Download  UPD17207 Click to download

File Size   661.64 Kbytes
Page   122 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD17207 Datasheet (HTML) - Renesas Technology Corp


UPD17207 Product details

FEATURES
• 17K architecture : General-purpose register method
• Program memory (ROM) : 3072 x 16 bits (mPD17201A)
4096 x 16 bits (mPD17207)
• Data memory (RAM) : 336 x 4 bits (including LCD register 36 ´ 4 bits)
• Infrared remote controller carrier generator (REM output)
• LCD controller/driver : Up to 136 segments can be displayed
· Common pins : 4 (2 can be used as segment pins)
· Segment pins : 34
· Voltage booster circuit for driving LCD : LCD drive voltage can be adjusted from 2.4 to 5.4 V with external
resistor
• 8-bit A/D converter : 4 channels (successive approximation method in software)
• 8-bit timer : 1 channel
• Watch timer/watchdog timer : 1 channel (WDOUT output)
• 3-line serial interface : 1 channel
• External interrupt pin (INT) : 1
• I/O pin : 20 (including INT)
• Instruction execution time : 4 ms (main clock: fX = 4 MHz)
488 ms (subclock: fXT = 32.768 kHz)
• Supply voltage : VDD = 2.2 to 5.5 V (main clock : fX = 4 MHz)
: VDD = 2.0 to 5.5 V (subclock : fXT = 32.768 kHz)




Similar Part No. - UPD17207

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17207 NEC-UPD17207 Datasheet
516Kb / 120P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH LCD CONTROLLER/DRIVER AND A/D CONVERTER FOR INFRARED REMOTE CONTROL TRANSMITTERS
UPD17207GF NEC-UPD17207GF Datasheet
516Kb / 120P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH LCD CONTROLLER/DRIVER AND A/D CONVERTER FOR INFRARED REMOTE CONTROL TRANSMITTERS
More results


Similar Description - UPD17207

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com