Electronic Components Datasheet Search
  English  ▼

X  

AO3402 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

AO3402 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # AO3402
Download  AO3402 Download
File Size   2305.33 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-Channel Enhancement Mode MOSFET

AO3402 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO3402 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # AO3402
Download  AO3402 Click to download

File Size   2305.33 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-Channel Enhancement Mode MOSFET

AO3402 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


AO3402 Product details

Features
Vbs = 30V,Ip = 3A
Rosion) < 75mQ @ Ves=2.5V
Rosion) < 65mQ @ Ves=4.5V




Similar Part No. - AO3402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO3402 ETC-AO3402 Datasheet
111Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO3402 AOSMD-AO3402 Datasheet
454Kb / 5P
30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO3402 KEXIN-AO3402 Datasheet
1Mb / 4P
N-Channel enhancement mode field effect transistor
logo
Kersemi Electronic Co.,...
AO3402 KERSEMI-AO3402 Datasheet
715Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
GUANGDONG HOTTECH INDUS...
AO3402 HOTTECH-AO3402 Datasheet
335Kb / 4P
Plastic-Encapsulate Mosfets
More results


Similar Description - AO3402

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com