Electronic Components Datasheet Search
  English  ▼

X  

3628A-3 Datasheet (PDF) - Intel Corporation

3628A-3 Datasheet PDF - Intel Corporation
Part # 3628A-3
Download  3628A-3 Download
File Size   166.05 Kbytes
Page   3 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 8K(1Kx8) BIPOLAR PROM

3628A-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
3628A-3 Datasheet PDF - Intel Corporation

Part # 3628A-3
Download  3628A-3 Click to download

File Size   166.05 Kbytes
Page   3 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 8K(1Kx8) BIPOLAR PROM

3628A-3 Datasheet (HTML) - Intel Corporation


3628A-3 Product details

8K (1K x 8) BIPOLAR PROM

The Intel 3628A is a fully decoded 8192-bit prom organized as 1024 words by 8 bits.




Similar Part No. - 3628A-3

ManufacturerPart #DatasheetDescription
logo
Lumberg
3628 LUMBERG-3628 Datasheet
106Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
3628 LUMBERG-3628 Datasheet
356Kb / 4P
RAST 5 connectors, pitch 5.0 mm
logo
Festo Corporation.
3628 FESTO-3628 Datasheet
87Kb / 1P
Toggle lever valve with idle return
logo
Heyco.
3628 HEYCO-3628 Datasheet
139Kb / 1P
Tension Wire Clips - Nylon
logo
Adafruit Industries
3628 ADAFRUIT-3628 Datasheet
341Kb / 1P
USB-A Male Plug to 5-pin Terminal Block
11-28-17
More results


Similar Description - 3628A-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C265 CYPRESS-CY7C265 Datasheet
327Kb / 11P
8K x 8 Registered PROM
logo
Advanced Micro Devices
AM27S31 AMD-AM27S31 Datasheet
259Kb / 7P
(512X8) Bipolar PROM
logo
Microchip Technology
28C64B MICROCHIP-28C64B Datasheet
305Kb / 8P
64K (8K x8) CMOS Erasable PROM
1990
logo
LANSDALE Semiconductor ...
HL0512 LANSDALE-HL0512 Datasheet
2Mb / 4P
Bipolar Prom
logo
Advanced Micro Devices
AM27S29 AMD-AM27S29 Datasheet
270Kb / 6P
4,096-Bit (512x8) Bipolar PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C265 CYPRESS-CY7C265_06 Datasheet
591Kb / 13P
8K x 8 Registered PROM
logo
Integrated Silicon Solu...
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Intersil Corporation
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
Radiation Hardened 8K x 8 CMOS PROM
July 1999
logo
LANSDALE Semiconductor ...
HL0512 LANSDALE-HL0512_08 Datasheet
2Mb / 4P
Bipolar Prom
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com