Electronic Components Datasheet Search
  English  ▼

X  

1590345 Datasheet (PDF) - PHOENIX CONTACT

1590345 Datasheet PDF - PHOENIX CONTACT
Part # 1590345
Download  1590345 Download
File Size   356.35 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HC-26S1N122300 - Device connector front mounting

1590345 Datasheet (PDF)

Go To PDF Page Download Datasheet
1590345 Datasheet PDF - PHOENIX CONTACT

Part # 1590345
Download  1590345 Click to download

File Size   356.35 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HC-26S1N122300 - Device connector front mounting

1590345 Datasheet (HTML) - PHOENIX CONTACT


1590345 Product details

Device connector front mounting, straight, Screw locking, M27, number of positions: 26, contact
connection type: Socket, Flat gasket, 4x Ø 3.2, shielded: yes, degree of protection: IP67, number
of positions: 26, connection method: Solder connection, series: HC, Alternative product in
accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.: 1240143




Similar Part No. - 1590345

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1590311 PHOENIX-1590311 Datasheet
396Kb / 7P
HC-26P1N324300 - Device connector rear mounting
1590354 PHOENIX-1590354 Datasheet
309Kb / 7P
HC-26S1N1280DU - Cable connector
More results


Similar Description - 1590345

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619909 PHOENIX-1619909 Datasheet
75Kb / 4P
Device connector, front mounting - CA-12P1NC22S00
1619956 PHOENIX-1619956 Datasheet
73Kb / 4P
Device connector, front mounting - CA-19P1N122S00
1619951 PHOENIX-1619951 Datasheet
74Kb / 4P
Device connector, front mounting - CA-09S1N222S00
1619952 PHOENIX-1619952 Datasheet
74Kb / 4P
Device connector, front mounting - CA-07P1N222S00
1624048 PHOENIX-1624048 Datasheet
329Kb / 6P
Device connector, front mounting - CA-09P1N126L00
1621567 PHOENIX-1621567 Datasheet
387Kb / 9P
Device connector, front mounting - SH-8ESC58AWA00S
02/04/2022
1621569 PHOENIX-1621569 Datasheet
396Kb / 9P
Device connector, front mounting - SH-8EPC58AWA00S
02/04/2022
1596900 PHOENIX-1596900 Datasheet
72Kb / 3P
Device connector, front mounting - RC-12P1N122200
12/06/2018
1598132 PHOENIX-1598132 Datasheet
62Kb / 3P
Device connector, front mounting - RC-12P2N12WB00
12/06/2018
1607821 PHOENIX-1607821 Datasheet
135Kb / 8P
Device connector, front mounting - RF-12P2S8AW400
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com