Electronic Components Datasheet Search
  English  ▼

X  

DSP56F827 Datasheet (PDF) - Motorola, Inc

DSP56F827 Datasheet PDF - Motorola, Inc
Part # DSP56F827
Download  DSP56F827 Download
File Size   591.17 Kbytes
Page   44 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Preliminary Technical Data DSP56F826 16-bit Digital Signal Processor

DSP56F827 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP56F827 Datasheet PDF - Motorola, Inc

Part # DSP56F827
Download  DSP56F827 Click to download

File Size   591.17 Kbytes
Page   44 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Preliminary Technical Data DSP56F826 16-bit Digital Signal Processor

DSP56F827 Datasheet (HTML) - Motorola, Inc


DSP56F827 Product details

56F826 16-bit Hybrid Controller

• Up to 40 MIPS at 80MHz core frequency
• DSP and MCU functionality in a unified, C-efficient architecture
• Hardware DO and REP loops
• MCU-friendly instruction set supports both DSP and controller functions: MAC, bit manipulation unit, 14 addressing modes
• 31.5K × 16-bit words Program Flash
• 512 × 16-bit words Program RAM
• 2K × 16-bit words Data Flash
• 4K × 16-bit words Data RAM
• 2K × 16-bit words BootFLASH
• Up to 64K × 16-bit words each of external memory expansion for Program and Data memory
• One Serial Port Interface (SPI)
• One additional SPI or two optional Serial Communication Interfaces (SCI)
• One Synchronous Serial Interface (SSI)
• One General Purpose Quad Timer
• JTAG/OnCE™ for debugging
• 100-pin LQFP Package
• 16 dedicated and 30 shared GPIO
• Time-of-Day (TOD) Timer

56F826 Features
Digital Signal Processing Core
• Efficient 16-bit 56800 family hybrid controller engine with dual Harvard architecture
• As many as 40 Million Instructions Per Second (MIPS) at 80MHz core frequency
• Single-cycle 16 × 16-bit parallel Multiplier-Accumulator (MAC)
• Two 36-bit accumulators, including extension bits
• 16-bit bidirectional barrel shifter
• Parallel instruction set with unique DSP addressing modes
• Hardware DO and REP loops
• Three internal address buses and one external address bus
• Four internal data buses and one external data bus
• Instruction set supports both DSP and controller functions
• Controller-style addressing modes and instructions for compact code
• Efficient C Compiler and local variable support
• Software subroutine and interrupt stack with depth limited only by memory
• JTAG/OnCE Debug Programming Interface




Similar Part No. - DSP56F827

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56F827 FREESCALE-DSP56F827 Datasheet
1Mb / 60P
16-bit Digital Signal Controllers
logo
Motorola, Inc
DSP56F827/D MOTOROLA-DSP56F827/D Datasheet
1Mb / 52P
56F827 16-bit Hybrid Controller
logo
Freescale Semiconductor...
DSP56F827E FREESCALE-DSP56F827E Datasheet
1Mb / 60P
16-bit Digital Signal Controllers
logo
Motorola, Inc
DSP56F827E/D MOTOROLA-DSP56F827E/D Datasheet
1Mb / 52P
56F827 16-bit Hybrid Controller
logo
Freescale Semiconductor...
DSP56F827FG80 FREESCALE-DSP56F827FG80 Datasheet
1Mb / 60P
16-bit Digital Signal Controllers
More results


Similar Description - DSP56F827

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56F802 MOTOROLA-DSP56F802 Datasheet
386Kb / 32P
DSP56F802 16-bit Digital Signal Processor
logo
Zilog, Inc.
Z89320 ZILOG-Z89320 Datasheet
77Kb / 7P
16-BIT DSP DIGITAL SIGNAL PROCESSOR
Z89390 ZILOG-Z89390 Datasheet
74Kb / 11P
16-BIT DIGITAL SIGNAL PROCESSOR
Z89C00 ZILOG-Z89C00 Datasheet
179Kb / 28P
16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56156 MOTOROLA-DSP56156 Datasheet
1,020Kb / 76P
16-bit Digital Signal Processor
DSP56F801 MOTOROLA-DSP56F801 Datasheet
343Kb / 40P
16-bit Digital Signal Processor
DSP56852 MOTOROLA-DSP56852 Datasheet
1,004Kb / 44P
DSP56852 16-bit Digital Signal Processor
DSP56824DS MOTOROLA-DSP56824DS Datasheet
1Mb / 62P
DSP56824 16-Bit Digital Signal Processor
56F8357 MOTOROLA-56F8357 Datasheet
1Mb / 160P
16-bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56603 FREESCALE-DSP56603 Datasheet
247Kb / 4P
16-BIT DIGITAL SIGNAL PROCESSOR
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com