Electronic Components Datasheet Search
  English  ▼

X  

MGF0905 Datasheet (PDF) - Mitsubishi Electric Semiconductor

MGF0905 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MGF0905
Download  MGF0905 Download
File Size   116.06 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description L,S BAND POWER GaAs FET?

MGF0905 Datasheet (PDF)

Go To PDF Page Download Datasheet
MGF0905 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MGF0905
Download  MGF0905 Click to download

File Size   116.06 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description L,S BAND POWER GaAs FET?

MGF0905 Datasheet (HTML) - Mitsubishi Electric Semiconductor


MGF0905 Product details

DESCRIPTION
The MGF0905A, GaAs FET with an N-channel schottky gate, is designed for use in UHF band amplifiers.

FEATURES
• High output power
    Po=34.0dBm(TYP.) @f=1.65GHz,Pin=26dBm
• High power gain
    Gp=8.0dB(TYP.) @f=1.65GHz,Pin=26dBm
• High power added efficiency
    P.A.E =40%(TYP.) @f=1.65GHz,Pin=26dBm

APPLICATION
• For UHF Band power amplifiers




Similar Part No. - MGF0905

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0905A MITSUBISHI-MGF0905A Datasheet
316Kb / 4P
L,S BAND POWER GaAs FET?
MGF0905A MITSUBISHI-MGF0905A Datasheet
157Kb / 4P
High-power GaAs FET (small signal gain stage)
MGF0905A MITSUBISHI-MGF0905A_1 Datasheet
316Kb / 4P
L,S BAND POWER GaAs FET?
MGF0905A MITSUBISHI-MGF0905A_11 Datasheet
157Kb / 4P
High-power GaAs FET (small signal gain stage)
More results


Similar Description - MGF0905

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0904A MITSUBISHI-MGF0904A Datasheet
117Kb / 3P
L,S BAND POWER GaAs FET
MGF0906B MITSUBISHI-MGF0906B Datasheet
125Kb / 3P
L,S BAND POWER GaAs FET?
MGF0907B MITSUBISHI-MGF0907B Datasheet
125Kb / 3P
L,S BAND POWER GaAs FET?
MGF0910A MITSUBISHI-MGF0910A Datasheet
26Kb / 3P
L, S BAND POWER GaAs FET
MGF0911A MITSUBISHI-MGF0911A Datasheet
23Kb / 3P
L, S BAND POWER GaAs FET
MGF0904A MITSUBISHI-MGF0904A Datasheet
632Kb / 3P
L,S BAND POWER GaAs FET?
MGF0904A MITSUBISHI-MGF0904A_1 Datasheet
372Kb / 4P
L,S BAND POWER GaAs FET
MGF0907B MITSUBISHI-MGF0907B_1 Datasheet
455Kb / 4P
L,S BAND POWER GaAs FET?
MGF0910A MITSUBISHI-MGF0910A_1 Datasheet
207Kb / 4P
L, S BAND POWER GaAs FET
MGF0911A MITSUBISHI-MGF0911A_1 Datasheet
36Kb / 4P
L, S BAND POWER GaAs FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com