Electronic Components Datasheet Search
  English  ▼

X  

UPD8894 Datasheet (PDF) - Renesas Technology Corp

UPD8894 Datasheet PDF - Renesas Technology Corp
Part # UPD8894
Download  UPD8894 Download
File Size   470.52 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD8894 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD8894 Datasheet PDF - Renesas Technology Corp

Part # UPD8894
Download  UPD8894 Click to download

File Size   470.52 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD8894 Datasheet (HTML) - Renesas Technology Corp


UPD8894 Product details

FEATURES
• Valid photocell : 5340 pixels × 3 + (10680 + 10680 ) pixels × 3
• Photocell’s pitch : 8 μ m (600 dpi sensor) and 4 μ m (2400 dpi sensor )
• Line spacing : (600 dpi sensor) 32 μ m (4 lines) Red line - Green line, Green line - Blue line
(2400 dpi sensor ) 64 μ m (16 lines) Red line - Green line, Green line - Blue line
8 μ m (2 lines) Odd line - Even line (for each color )
• Color filter : Primary colors (red, green and blue), pigment filter (with light resistance 107 lx•hour)
• Resolution : 96 dot/mm A4 (210 × 297 mm) size (shorter side)
2400 dpi US letter (8.5” × 11”) size (shorter side)
• Drive clock level : CMOS output under 5 V operation
• Data rate : (2400 dpi sensor) 10 MHz MAX (fφ 1,2 = 5 MHz)
(600 dpi sensor) 10 MHz MAX (fφ 1,2 = 10 MHz)
• Power supply : +12 V
• On-chip circuit : Reset feed-through level clamp circuits
Voltage amplifiers




Similar Part No. - UPD8894

ManufacturerPart #DatasheetDescription
logo
NEC
UPD8891 NEC-UPD8891 Datasheet
297Kb / 32P
(5340 x 5340) PIXELS x 3 2670 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
UPD8891 RENESAS-UPD8891 Datasheet
442Kb / 34P
MOS INTEGRATED CIRCUIT
2002
logo
NEC
UPD8891CY NEC-UPD8891CY Datasheet
297Kb / 32P
(5340 x 5340) PIXELS x 3 2670 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
UPD8891CY-A RENESAS-UPD8891CY-A Datasheet
442Kb / 34P
MOS INTEGRATED CIRCUIT
2002
More results


Similar Description - UPD8894

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com