Electronic Components Datasheet Search
  English  ▼

X  

M24C64-F Datasheet (PDF) - STMicroelectronics

M24C64-F Datasheet PDF - STMicroelectronics
Part # M24C64-F
Download  M24C64-F Download
File Size   289.2 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM

M24C64-F Datasheet (PDF)

Go To PDF Page Download Datasheet
M24C64-F Datasheet PDF - STMicroelectronics

Part # M24C64-F
Download  M24C64-F Click to download

File Size   289.2 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM

M24C64-F Datasheet (HTML) - STMicroelectronics


M24C64-F Product details

Description
The M24C32, M24C64 and M24128 devices are I2C-compatible electrically erasable
programmable memories (EEPROM). They are organized as 4096 × 8 bits, 8192 × 8 bits and 16384 × 8 bits, respectively.
I2C uses a two-wire serial interface, comprising a bi-directional data line and a clock line.
The devices carry a built-in 4-bit Device Type Identifier code (1010) in accordance with the
I2C bus definition.

Features
■ Two-wire I2C serial interface supports 400 kHz protocol
■ Single supply voltages (see Table 1 for root part numbers):
    – 2.5 V to 5.5 V
    – 1.8 V to 5.5 V
    – 1.7 V to 5.5 V
■ Write Control input
■ Byte and Page Write
■ Random and Sequential Read modes
■ Self-timed programming cycle
■ Automatic address incrementing
■ Enhanced ESD/latch-up protection
■ More than 1 Million write cycles
■ More than 40-year data retention
■ Packages
    – ECOPACK® (RoHS compliant)




Similar Part No. - M24C64-F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C64-F STMICROELECTRONICS-M24C64-F Datasheet
347Kb / 38P
128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
18-Dec-2007
M24C64-F STMICROELECTRONICS-M24C64-F Datasheet
465Kb / 42P
64-Kbit serial I2C bus EEPROM
28-Aug-2012
M24C64-F STMICROELECTRONICS-M24C64-F Datasheet
838Kb / 45P
64-Kbit serial I짼C bus EEPROM
12-Nov-2014
M24C64-F STMICROELECTRONICS-M24C64-F Datasheet
786Kb / 54P
64-Kbit serial I²C bus EEPROM
14-Mar-2018
M24C64-F STMICROELECTRONICS-M24C64-F Datasheet
334Kb / 39P
128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
05-Jan-2009
More results


Similar Description - M24C64-F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C64 STMICROELECTRONICS-M24C64 Datasheet
149Kb / 19P
64/32 Kbit Serial I²C Bus EEPROM
05-Jan-2005
M24128 STMICROELECTRONICS-M24128_07 Datasheet
347Kb / 38P
128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
18-Dec-2007
M24128 STMICROELECTRONICS-M24128_08 Datasheet
350Kb / 39P
128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
16-Sep-2008
M24128-BW STMICROELECTRONICS-M24128-BW Datasheet
396Kb / 40P
128-Kbit serial I²C bus EEPROM
20-Jul-2012
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
128-Kbit serial I2C bus EEPROM
04-Apr-2013
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
64-Kbit serial I2C bus EEPROM
28-Aug-2012
M24128-BFMC6TG STMICROELECTRONICS-M24128-BFMC6TG Datasheet
1Mb / 40P
128-Kbit serial I²C bus EEPROM
04-Apr-2013
logo
Microchip Technology
24AA64 MICROCHIP-24AA64_V01 Datasheet
735Kb / 51P
64-Kbit I2C Serial EEPROM
09/14/21
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com